Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPCF1206 Datasheet(PDF) 2 Page - TT Electronics.

Part # GPCF1206
Description  General Purpose Precision Surface Mount Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

GPCF1206 Datasheet(HTML) 2 Page - TT Electronics.

  GPCF1206 Datasheet HTML 1Page - TT Electronics. GPCF1206 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Precision
Surface Mount Resistors
GPCF Series
Test
Conditions
Maximum (+0.05R)
Load life
1000 hours rated load @ 70°C
Δ
R%
0.5
Humidity
240 hours @ 40°C, 90%RH
Δ
R%
0.5
Short term overload
Lesser of 2.5 x rated power & 2 x LEV, for 5s
Δ
R%
0.5
High temperature operation
96 hours at 155°C
Δ
R%
0.5
Temperature cycle
5 cycles -55°C to 155°C
Δ
R%
0.5
Resistance to solder heat
270°C for 10s
Δ
R%
0.25
Solderability
245°C for 2s
95% minimum coverage
Performance Data
Ordering Procedure
Packaging
GPCF Resistors are supplied paper taped and reeled as per IEC 286-3.
Application Notes
GPCF resistors are ideally suited for handling by automatic methods due to their rectangular shape and the small dimensional
tolerances. Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering of wrap-
around terminations.
Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the GPCF can be
immersed in the solder bath for 30 seconds at 260°C. This enables the resistor to be mounted on one side of a printed circuit board and
wire-leaded components applied on the other side.
GPCF resistors themselves can operate at a maximum temperature of 155°C. For soldered resistors, the joint temperature should not
exceed 110°C. This condition is met when the stated power levels at 70°C are used.
GPCF0603-1K54BT5 (0603, 1.54 kilohms, ±0.1%, ±25ppm/°C, Pb-free)
34
4
3
TCR
Blank = ±25ppm/°C
02 = ±50ppm/°C
56
56
F = ±1%
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com