Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet (PDF) - Parallax Inc

SX20AC/SS Datasheet PDF - Parallax Inc
Part # SX20AC/SS
Download  SX20AC/SS Download
File Size   2731.13 Kbytes
Page   51 Pages
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc
Description Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug

SX20AC/SS Datasheet (PDF)

Go To PDF Page Download Datasheet
SX20AC/SS Datasheet PDF - Parallax Inc

Part # SX20AC/SS
Download  SX20AC/SS Click to download

File Size   2731.13 Kbytes
Page   51 Pages
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc
Description Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug

SX20AC/SS Datasheet (HTML) - Parallax Inc


SX20AC/SS Product details

PRODUCT OVERVIEW
Introduction
The Parallax SX family of configurable communications controllers is fabricated in an advanced CMOS process technology. The advanced process, combined with a RISC-like architecture, allows high-speed computation, flexible I/O control, and efficient data manipulation. Throughput is enhanced by operating the device at frequencies up to 75 MHz and by optimizing the instruction set to include mostly single-cycle instructions. The deterministic architecture of the SX provides reliable performance for time-critical applications. In addition, the SX architecture is flash-based and therefore reprogrammable. On-chip functions include a generalpurpose 8-bit timer with prescaler, an analog comparator, a brown-out detector, a watchdog timer, a power-save mode with multi-source wakeup capability, an internal R/C oscillator, user-selectable clock modes, and highcurrent outputs. These features enable the SX to be used as a general-purpose, high-speed microcontroller in a variety of applications.

Key Features
75 MIPS Performance
• SX20AC/SX28AC: DC - 75 MHz
• SX20AC/SX28AC: as low as 13.3 ns instruction cycle, 39.9 ns internal interrupt response
• 1 instruction per clock for most instructions (skips require 2 clocks, branches require 3 clocks, IREAD requires 4) EE/FLASH Program Memory and SRAM Data Memory
• Access time of < 13.3 ns provides single cycle access
• EE/Flash rated for > 10,000 rewrite cycles
• 2048 Words EE/Flash program memory
• 136x8 bits SRAM data memory
CPU Features
• Compact, RISC-like instruction set
• All non-branch instructions are single cycle
• Eight-level push/pop hardware stack for subroutine operation
• Fast table lookup capability through run-time readable code (IREAD instruction)
• Totally predictable program execution rate for precise real-time applications Fast and Deterministic Interrupt
• Jitter-free 3-cycle internal interrupt response
• Hardware context save/restore of key resources such as PC, W, STATUS, and FSR within the 3-cycle interrupt response time
• External wakeup/interrupt capability on Port B (8 pins)
Flexible I/O
• All port pins individually programmable as I/O
• Inputs are TTL or CMOS level selectable
• All pins have selectable internal pull-ups
• Selectable Schmitt Trigger inputs on Ports B and C
• All output pins capable of sourcing/sinking 30 mA
• Port A outputs have symmetrical drive
• Analog comparator support on Port B (RB0 OUT, RB1 IN-, RB2 IN+)
• Selectable I/O operation synchronous to the oscillator clock
Hardware Peripheral Features
• One 8-bit Real Time Clock/Counter (RTCC) with programmable 8-bit prescaler
• Watchdog Timer (shares the RTCC prescaler)
• Analog comparator
• Brown-out detector
• Multi-Input Wakeup logic on 8 pins
• Internal RC oscillator with configurable rate from 31.25 kHz to 4 MHz
• Power-On-Reset
Packages
• 20-pin SSOP, 28-pin DIP/SSOP Programming and Debugging Support
• On-chip in-system serial programming support via the oscillator pins
• On-chip in-system debugging support logic
• Real-time emulation, full program debug, and integrated development environment offered by the
Parallax SX-Key® programming device
• The language options available: Parallax Assembly; Parallax SX/B (BASIC); and CCS SX/C (C)
Software Support
• Native assembly instruction set
• Expanded assembly instruction set available in the SASM assembler of the Parallax SX-Key IDE
• Parallax SX/B compiler (BASIC)
• Several “C” compliers available from third-party vendors




Similar Part No. - SX20AC/SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX20AC ETC-SX20AC Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/DP ETC-SX20AC100-I/DP Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/PQ ETC-SX20AC100-I/PQ Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/SO ETC-SX20AC100-I/SO Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/SS ETC-SX20AC100-I/SS Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
More results


Similar Description - SX20AC/SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
On-chip Flash program memory with in-system programming
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
12K Bytes of In-System Programmable (ISP) Flash Program Memory
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
4K Bytes on-chip flash program memory
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
16KB on-chip program memory
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
Up to 8 KB Flash memory with in-circuit programming capability
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
Programming and Debug Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com