Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 3 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 3 Page - Parallax Inc

  SX20AC/SS Datasheet HTML 1Page - Parallax Inc SX20AC/SS Datasheet HTML 2Page - Parallax Inc SX20AC/SS Datasheet HTML 3Page - Parallax Inc SX20AC/SS Datasheet HTML 4Page - Parallax Inc SX20AC/SS Datasheet HTML 5Page - Parallax Inc SX20AC/SS Datasheet HTML 6Page - Parallax Inc SX20AC/SS Datasheet HTML 7Page - Parallax Inc SX20AC/SS Datasheet HTML 8Page - Parallax Inc SX20AC/SS Datasheet HTML 9Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 3 of 51
Rev 1.6 11/20/2006
1.2.
Key Features
75 MIPS Performance
• SX20AC/SX28AC: DC - 75 MHz
• SX20AC/SX28AC: as low as 13.3 ns instruction
cycle, 39.9 ns internal interrupt response
• 1 instruction per clock for most instructions (skips
require 2 clocks, branches require 3 clocks, IREAD
requires 4)
EE/FLASH Program Memory and SRAM Data Memory
• Access time of < 13.3 ns provides single cycle
access
• EE/Flash rated for > 10,000 rewrite cycles
• 2048 Words EE/Flash program memory
• 136x8 bits SRAM data memory
CPU Features
• Compact, RISC-like instruction set
• All non-branch instructions are single cycle
• Eight-level push/pop hardware stack for subroutine
operation
• Fast table lookup capability through run-time
readable code (IREAD instruction)
• Totally predictable program execution rate for
precise real-time applications
Fast and Deterministic Interrupt
• Jitter-free 3-cycle internal interrupt response
• Hardware context save/restore of key resources such
as PC, W, STATUS, and FSR within the 3-cycle
interrupt response time
• External wakeup/interrupt capability on Port B
(8 pins)
Flexible I/O
• All port pins individually programmable as I/O
• Inputs are TTL or CMOS level selectable
• All pins have selectable internal pull-ups
• Selectable Schmitt Trigger inputs on Ports B and C
• All output pins capable of sourcing/sinking 30 mA
• Port A outputs have symmetrical drive
• Analog comparator support on Port B (RB0 OUT,
RB1 IN-, RB2 IN+)
• Selectable I/O operation synchronous to the
oscillator clock
Hardware Peripheral Features
• One 8-bit Real Time Clock/Counter (RTCC) with
programmable 8-bit prescaler
• Watchdog Timer (shares the RTCC prescaler)
• Analog comparator
• Brown-out detector
• Multi-Input Wakeup logic on 8 pins
• Internal RC oscillator with configurable rate from
31.25 kHz to 4 MHz
• Power-On-Reset
Packages
• 20-pin SSOP, 28-pin DIP/SSOP
Programming and Debugging Support
• On-chip in-system serial programming support via
the oscillator pins
• On-chip in-system debugging support logic
• Real-time emulation, full program debug, and
integrated development environment offered by the
Parallax SX-Key® programming device
• The language options available: Parallax Assembly;
Parallax SX/B (BASIC); and CCS SX/C (C)
Software Support
• Native assembly instruction set
• Expanded assembly instruction set available in the
SASM assembler of the Parallax SX-Key IDE
• Parallax SX/B compiler (BASIC)
• Several “C” compliers available from third-party
vendors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com