Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 32 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 32 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 28Page - Parallax Inc SX20AC/SS Datasheet HTML 29Page - Parallax Inc SX20AC/SS Datasheet HTML 30Page - Parallax Inc SX20AC/SS Datasheet HTML 31Page - Parallax Inc SX20AC/SS Datasheet HTML 32Page - Parallax Inc SX20AC/SS Datasheet HTML 33Page - Parallax Inc SX20AC/SS Datasheet HTML 34Page - Parallax Inc SX20AC/SS Datasheet HTML 35Page - Parallax Inc SX20AC/SS Datasheet HTML 36Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 32 of 51
Rev 1.6 11/20/2006
15.4. RAM Addressing
Direct Addressing
The FSR register must initialized with an appropriate
value in order to address the desired RAM register. The
following table and code example show how to directly
access the banked registers.
Bank
FSR Value
0
010h
1
030h
2
050h
3
070h
4
090h
5
0B0h
6
0D0h
7
0F0h
mov
FSR,#$070
;Select RAM Bank 3
clr
$010
;Clear register 10h on
;Bank 3
mov
FSR,#$D0
;Select RAM Bank 6
clr
$010
;Clear register 10h on
;Bank 6
Indirect Addressing
To access any register via indirect addressing, simply
move the eight-bit address of the desired register into the
FSR and use INDF as the operand. The example below
shows how to clear all RAM locations from 10h to 1Fh in
all eight banks:
clr
FSR
;clear FSR to 00h (at addr 04h)
:loop setb SFR.4 ;set bit 4: addr 10h-1Fh,
;30-3Fh, etc
clr
INDF
;clear register pointed to by
;FSR
incsz
FSR
;increment FSR and test, skip
;jmp if 00h
jmp
:loop
;jump back and clear next
;register
15.5. The Bank Instruction
Often it is desirable to set the bank select bits of the FSR
register in one instruction cycle. The Bank instruction
provides this capability. This instruction sets the upper
bits of the FSR to point to a specific RAM bank without
affecting the other FSR bits. Example:
bank
$F0
;Select Bank 7 in FSR
inc
$1F
;increment file register
;1Fh in Bank 7
15.6.
Bit Manipulation
The instruction set contains instructions to set, reset, and
test individual bits in data memory. The device is capable
of bit addressing anywhere in data memory.
15.7. Input/Output Operation
The device contains three registers associated with each
I/O port. The first register (Data Direction Register),
configures each port pin as a Hi-Z input or output. The
second register (TTL/CMOS Register), selects the desired
input level for the input. The third register (Pull-Up
Register), enables a weak pull-up resistor on the pin
configured as a input. In addition to using the associated
port registers, appropriate values must be written into the
MODE register to configure the I/O ports.
When two successive read-modify-write instructions are
used on the same I/O port with a very high clock rate, the
“write” part of one instruction might not occur soon
enough before the “read” part of the very next instruction,
resulting in getting “old” data for the second instruction.
To ensure predictable results, avoid using two successive
read-modify-write instructions that access the same port
data register if the clock rate is high.
15.8. Increment/Decrement
The bank of 31 registers serves as a set of accumulators.
The instruction set contains instructions to increment and
decrement the register file. The device also includes both
INCSZ fr (increment file register and skip if zero) and
DECSZ fr (decrement file register and skip if zero)
instructions.
15.9. Loop Counting and Data Pointing
Testing
The device has specific instructions to facilitate loop
counting. The DECSZ fr (decrement file register and skip
if zero) tests any one of the file registers and skips the
next instruction (which can be a branch back to loop) if
the result is zero.
15.10. Branch and Loop Call Instructions
The device contains an 8-level hardware stack where the
return address is stored when a subroutine is called.
Multiple stack levels allow subroutine nesting. The
instruction set supports absolute address branching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com