Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 21 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 21 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 17Page - Parallax Inc SX20AC/SS Datasheet HTML 18Page - Parallax Inc SX20AC/SS Datasheet HTML 19Page - Parallax Inc SX20AC/SS Datasheet HTML 20Page - Parallax Inc SX20AC/SS Datasheet HTML 21Page - Parallax Inc SX20AC/SS Datasheet HTML 22Page - Parallax Inc SX20AC/SS Datasheet HTML 23Page - Parallax Inc SX20AC/SS Datasheet HTML 24Page - Parallax Inc SX20AC/SS Datasheet HTML 25Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 21 of 51
Rev 1.6 11/20/2006
8.0
INTERRUPT SUPPORT
The device supports both internal and external maskable
interrupts. The internal interrupt is generated as a result of
the RTCC rolling over from 0FFh to 00h. This interrupt
source has an associated enable bit located in the
OPTION register. There is no pending bit associated with
this interrupt.
Port B provides the source for eight external software
selectable, edge sensitive interrupts. These interrupt
sources share logic with the Multi-Input Wakeup
circuitry. The WKEN_B register allows interrupt from
Port B to be individually enabled or disabled. Clearing a
bit in the WKEN_B register enables the interrupt on the
corresponding Port B pin. The WKED_B selects the
transition edge to be either positive or negative. The
WKEN_B and WKED_B registers are set to FFh upon
reset. Setting a bit in the WKED_B register selects the
falling edge while clearing the bit selects the rising edge
on the corresponding Port B pin.
The WKPND_B register serves as the external interrupt
pending register.
The WKPND_B register comes up a with random value
upon reset. The user program must clear the WKPND_B
register prior to enabling the interrupt. The proper
sequence is described in Section 7.2
Figure 8-1 shows the structure of the interrupt logic.
Figure 8-1: Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com