Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 1 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 1 Page - Parallax Inc

  SX20AC/SS Datasheet HTML 1Page - Parallax Inc SX20AC/SS Datasheet HTML 2Page - Parallax Inc SX20AC/SS Datasheet HTML 3Page - Parallax Inc SX20AC/SS Datasheet HTML 4Page - Parallax Inc SX20AC/SS Datasheet HTML 5Page - Parallax Inc SX20AC/SS Datasheet HTML 6Page - Parallax Inc SX20AC/SS Datasheet HTML 7Page - Parallax Inc SX20AC/SS Datasheet HTML 8Page - Parallax Inc SX20AC/SS Datasheet HTML 9Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
© Parallax Inc.
Page 1 of 51
Rev 1.6 11/20/2006
SX20AC/SX28AC
Configurable Communications Controllers with EE/Flash Program Memory,
In-System Programming Capability and On-Chip Debug
1.0
PRODUCT OVERVIEW
1.1.
Introduction
The Parallax SX family of configurable communications
controllers is fabricated in an advanced CMOS process
technology. The advanced process, combined with a
RISC-like architecture, allows high-speed computation,
flexible I/O control, and efficient data manipulation.
Throughput is enhanced by operating the device at
frequencies up to 75 MHz and by optimizing the
instruction set to include mostly single-cycle instructions.
The deterministic architecture of the SX provides reliable
performance for time-critical applications. In addition,
the SX architecture is flash-based and therefore
reprogrammable. On-chip functions include a general-
purpose 8-bit timer with prescaler, an analog comparator,
a brown-out detector, a watchdog timer, a power-save
mode with multi-source wakeup capability, an internal
R/C oscillator, user-selectable clock modes, and high-
current outputs. These features enable the SX to be used
as a general-purpose, high-speed microcontroller in a
variety of applications.
Figure 1-1: Block Diagram
Parallax and the Parallax logo are trademarks of Parallax, Inc.
SX is a trademark of Ubicom Inc, used with permission.
I
2C is a trademark of Philips Corporation. All other trademarks
are the property of their respective holders.


Similar Part No. - SX20AC/SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX20AC ETC-SX20AC Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/DP ETC-SX20AC100-I/DP Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/PQ ETC-SX20AC100-I/PQ Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/SO ETC-SX20AC100-I/SO Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX20AC100-I/SS ETC-SX20AC100-I/SS Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
More results

Similar Description - SX20AC/SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX28 ETC-SX28 Datasheet
688Kb / 52P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
SX48BD ETC-SX48BD Datasheet
873Kb / 58P
Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability, and On-Chip Debug
logo
Macronix International
MX10E80501 MCNIX-MX10E80501 Datasheet
1,010Kb / 88P
On-chip Flash program memory with in-system programming
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_14 Datasheet
1Mb / 2P
12K Bytes of In-System Programmable (ISP) Flash Program Memory
T89C51RD2 ATMEL-T89C51RD2_14 Datasheet
1Mb / 104P
64K bytes On-chip Flash Program/Data Memory
logo
SyncMOS Technologies,In...
SM39R04G1 SYNCMOS-SM39R04G1 Datasheet
627Kb / 47P
4K Bytes on-chip flash program memory
SM39R16A3 SYNCMOS-SM39R16A3 Datasheet
1Mb / 87P
16KB on-chip program memory
logo
Zilog, Inc.
Z8F083A0128ZCOG ZILOG-Z8F083A0128ZCOG Datasheet
227Kb / 14P
Up to 8 KB Flash memory with in-circuit programming capability
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
In-Circuit Program Debug Emulation
logo
Maxim Integrated Produc...
MAXREFDES100HDK MAXIM-MAXREFDES100HDK Datasheet
439Kb / 5P
Programming and Debug Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com