Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 15 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 15 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 11Page - Parallax Inc SX20AC/SS Datasheet HTML 12Page - Parallax Inc SX20AC/SS Datasheet HTML 13Page - Parallax Inc SX20AC/SS Datasheet HTML 14Page - Parallax Inc SX20AC/SS Datasheet HTML 15Page - Parallax Inc SX20AC/SS Datasheet HTML 16Page - Parallax Inc SX20AC/SS Datasheet HTML 17Page - Parallax Inc SX20AC/SS Datasheet HTML 18Page - Parallax Inc SX20AC/SS Datasheet HTML 19Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 15 of 51
Rev 1.6 11/20/2006
5.0
DEVICE CONFIGURATION REGISTERS
The SX device has three registers (FUSE, FUSEX,
DEVICE) that control functions such as operating the
device in Turbo mode, extended (8-level deep) stack
operation, and speed selection for the internal RC
oscillator. These registers are not programmable “on the
fly” during normal device operation. Instead, the FUSE
and FUSEX registers can only be accessed when the SX
device is being programmed. The DEVICE register is a
read-only, hard-wired register, programmed during the
manufacturing process.
5.1.
FUSE Word (Read/Program at FFFh in Main Memory Map)
TURBO
SYNC
Reserved
Reserved
IRC
DIV1/
IFBD
DIV0/
FOSC2
Reserved
CP
WDTE
FOSC1
FOSC0
Bit 11
Bit 0
TURBO
Turbo mode enable:
0 = turbo (instruction clock = osc/1)
1 = instr clock = osc/4
SYNC
Synchronous input enable (for turbo mode): This bit synchronizes the signal presented at the input pin to
the internal clock through two internal flip-flops.
0 = enabled
1 = disabled
IRC
Internal RC oscillator enable:
0 = enabled - OSC1 pulled low by weak pullup, OSC2 pulled high by weak pullup
1 = disabled - OSC1 and OSC2 behave according to FOSC2: FOSC0
DIV1: DIV0
Internal RC oscillator divider:
00b = 4 MHz
01b = 1 MHz
10 = 128 KHz
11b = 32 KHz
IFBD
Internal crystal/resonator oscillator feedback resistor (1 MΩ:
0 = disabled
Internal feedback resistor disable (external feedback required)
1= enabled
Internal feedback resistor enabled (valid when IRC = 1)
CP
Code protect enable:
0 = enabled (FUSE, code, and ID memories read back as garbled data)
1 = disabled (FUSE, code, and ID memories can be read normally)
WDTE Watchdog timer enable:
0 = disabled
1 = enabled
FOSC2: FOSC0 External oscillator configuration (valid when IRC = 1):
000b = LP1 - low power crystal (32KHz)
001b = LP2 - low power crystal/resonator (32 KHz to 1 MHz)
010b = XT1 - normal crystal/resonator (32 kHz to 10 MHz)
011b = XT2 - normal crystal/resonator (1MHz to 24 MHz)
100b = HS1 - high speed crystal/resonator/external crystal oscillator (1MHz to 50 MHz)
101b = HS2 - high speed crystal/resonator/external crystal oscillator (1 MHz to 50 MHz)
110b = HS3 - high speed crystal/resonator/external crystal oscillator (1 MHz to 75 MHz)
111b = RC network - OSC2 is pulled high with a weak pullup (no CLKOUT output)
Note: The frequencies are target values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com