Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 29 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 29 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 25Page - Parallax Inc SX20AC/SS Datasheet HTML 26Page - Parallax Inc SX20AC/SS Datasheet HTML 27Page - Parallax Inc SX20AC/SS Datasheet HTML 28Page - Parallax Inc SX20AC/SS Datasheet HTML 29Page - Parallax Inc SX20AC/SS Datasheet HTML 30Page - Parallax Inc SX20AC/SS Datasheet HTML 31Page - Parallax Inc SX20AC/SS Datasheet HTML 32Page - Parallax Inc SX20AC/SS Datasheet HTML 33Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 29 of 51
Rev 1.6 11/20/2006
Figure 12-3 shows the on-chip Power-On Reset sequence
where the MCLR pin is tied to VDD via a 10K resistor.
Note: connecting the MCLR pin directly to the VDD
supply is not recommended. If the VDD signal is stable
before the DRT timeout period expires, the device will
receive a proper reset. However, Figure 12-4 depicts a
situation where VDD rises too slowly. In this scenario, the
DRT will time-out prior to VDD reaching a valid operating
voltage level (VDD min). This means the device will come
out of reset and start operating with the supply voltage not
at a valid level. In this situation, it is recommended that
you use the external RC circuit shown in Figure 12-5. The
RC delay should exceed the time period it takes VDD to
reach a valid operating voltage.
Figure 12-3: Time-Out Sequence on Power-Up
(MCLR not tied to Vdd): Fast Vdd Rise Time
Figure 12-4: Time-Out Sequence on Power-Up
(MCLR not tied to Vdd): Slow Vdd Rise Time
Figure 12-5: External Power-On Reset Circuit
(For Slow Vdd Power-Up)
A 2-bit field in the FUSEX register can be used to specify
the Delay Reset Timer (DRT) timeout period that results
in an automatic wake-up from the power down mode.
10 = 0.25 msec
11 = 18 msec (default)
00 = 60 msec
01 = 1 sec
Note 1: The external Power-On Reset circuit is required
only if VDD power-up is too slow. The diode D helps
discharge the capacitor quickly when VDD powers down.
Note 2: R < 40 kΩ is recommended to make sure that
voltage drop across R does not violate the device
electrical specifications.
Note 3: R1 = 100 Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor C. This helps
prevent MCLR pin breakdown due to Electrostatic
Discharge (ESD) or Electrical Overstress (EOS).
13.0 BROWN-OUT DETECTOR
The on-chip brown-out detection circuitry resets the
device when VDD dips below the specified brown-out
voltage. The device is held in reset as long as VDD stays
below the brown-out voltage. The device will come out of
reset when VDD rises above the brown-out voltage. The
brown-out level is preset to approximately 4.2 V at the
factory. The brown-out circuit can be disabled through
BOR0 and BOR1 bits contained in the FUSEX Word
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com