Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 37 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 37 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 33Page - Parallax Inc SX20AC/SS Datasheet HTML 34Page - Parallax Inc SX20AC/SS Datasheet HTML 35Page - Parallax Inc SX20AC/SS Datasheet HTML 36Page - Parallax Inc SX20AC/SS Datasheet HTML 37Page - Parallax Inc SX20AC/SS Datasheet HTML 38Page - Parallax Inc SX20AC/SS Datasheet HTML 39Page - Parallax Inc SX20AC/SS Datasheet HTML 40Page - Parallax Inc SX20AC/SS Datasheet HTML 41Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 37 of 51
Rev 1.6 11/20/2006
Table 16-4: Native SX Instruction Set: Data Movement Instructions
Mnemonic,
Operands
Description
Clock Cycles
(Slow Mode)
Clock Cycles
(Turbo)
Opcode
Bits
Affected
MOV fr,W
Move W to fr (fr = W)
4
1
0000 001f ffff
none
MOV W,fr
Move fr to W (W = fr)
4
1
0010 000f ffff
Z
MOV W,fr-W
Move (fr-W) to W (W = fr-W); complement of
carry bit is subtracted if CF bit in FUSEX register
is cleared to 0
4
1
0000 100f ffff
C, DC, Z
MOV W,#lit
Move Literal to W (W = lit)
4
1
1100 kkkk kkkk
none
MOV W,/fr
Move Complement of fr to W (W = fr ^ FFh)
4
1
0010 010f ffff
Z
MOV W,--fr
Move (fr – 1) to W (W = fr – 1)
4
1
0000 110f ffff
Z
MOV W,++fr
Move (fr = 1) to W (W = fr = 1)
4
1
0010 100f ffff
Z
MOV W,<<fr
Rotate fr Left through Carry and Move to W
(W = >> ffr)
4
1
0011 010f ffff
C
MOV W,>>fr
Rotate fr Right through Carry and Move to W (W
= <> fr)
4
1
0011 000f ffff
C
MOV W,<>fr
Swap High/Low nibbles of fr and move to W (W =
<>fr)
4
1
0011 100f ffff
none
MOV W,M
Move MODE register to W (W = MODE), high
nibble is cleared
4
1
0000 0100 0010
none
MOVSZ W,--fr
Move (fr – 1) to W and Skip if Zero (w = fr – 1 and
skip next instruction if result is zero)
4 or 8 (skip)
1 or 2 (skip)
0010 110f ffff
none
MOVSZ W,++fr
Move (fr + 1) to W and Skip of Zero (W = fr +1
and skip next instruction if result is zero)
4 or 8 (skip)
1 or 2 (skip)
0011 110f ffff
none
MOV M,W
Move W to MODE register (MODE = W)
4
1
0000 0100 0011
none
MOV M,#lit
Move Literal to MODE register (MODE = lit)
4
1
0000 0101 kkkk
none
MOV !rx,W
Move W to Port Rx control register: rx <=> W
(exchange W and WKPND_B or CMP_B or rx =
w (move W to rx for all other port control
registers)
4
1
0000 0000 0fff
none
MOV !OPTION,W
Move W to OPTION register (OPTION = W)
4
1
0000 0000 0010
none
TEST fr
Test fr for zero (fr = fr to set or clear Z bit)
4
1
0010 001f ffff
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com