Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 14 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 14 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 10Page - Parallax Inc SX20AC/SS Datasheet HTML 11Page - Parallax Inc SX20AC/SS Datasheet HTML 12Page - Parallax Inc SX20AC/SS Datasheet HTML 13Page - Parallax Inc SX20AC/SS Datasheet HTML 14Page - Parallax Inc SX20AC/SS Datasheet HTML 15Page - Parallax Inc SX20AC/SS Datasheet HTML 16Page - Parallax Inc SX20AC/SS Datasheet HTML 17Page - Parallax Inc SX20AC/SS Datasheet HTML 18Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 14 of 51
Rev 1.6 11/20/2006
4.3.
OPTION Register
When the OPTIONX bit in the FUSE word is cleared, bits
7 and 6 of the OPTION register function as described
below.
When the OPTIONX bit is set, bits 7 and 6 of the
OPTION register read as ‘1’s.
RTW
RTCC/W register selection:
0 = Register 01h addresses W
1 = Register 01h addresses RTCC
RTE_IE RTCC edge interrupt enable:
0 = RTCC roll-over interrupt is enabled
1 = RTCC roll-over interrupt is disabled
RTS
RTCC increment select:
0= RTCC increments on internal instruction
cycle
1 = RTCC increments upon transition on RTCC
pin
RTE_ES RTCC edge select:
0 = RTCC increments on low-to-high transitions
1 = RTCC increments on high-to-low transitions
PSA
Prescaler Assignment:
0 = Prescaler is assigned to RTCC, with divide
rate determined by PS0-PS2 bits
1 = Prescaler is assigned to WDT, and divide
rate on RTCC is 1:1
PS2-PS0: Prescaler divider (see table below)
Table 4-2: Prescaler Divider Ratios
PS2, PS1, PS0
RTCC Divide
Rate
Watchdog Timer
Divide Rate
000
1:2
1:1
001
1:4
1:2
010
1:8
1:4
011
1:16
1:8
100
1:32
1:16
101
1:64
1:32
110
1:128
1:64
07h111
1:256
1:128
Upon reset, all bits in the OPTION register are set to 1.
RTW
RTW_IE
RTS
RTE_ES
PSA
PS2
PS1
PS0
Bit 7
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com