Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX20AC/SS Datasheet(PDF) 41 Page - Parallax Inc

Part # SX20AC/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX20AC/SS Datasheet(HTML) 41 Page - Parallax Inc

Back Button SX20AC/SS Datasheet HTML 37Page - Parallax Inc SX20AC/SS Datasheet HTML 38Page - Parallax Inc SX20AC/SS Datasheet HTML 39Page - Parallax Inc SX20AC/SS Datasheet HTML 40Page - Parallax Inc SX20AC/SS Datasheet HTML 41Page - Parallax Inc SX20AC/SS Datasheet HTML 42Page - Parallax Inc SX20AC/SS Datasheet HTML 43Page - Parallax Inc SX20AC/SS Datasheet HTML 44Page - Parallax Inc SX20AC/SS Datasheet HTML 45Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 41 of 51
Rev 1.6 11/20/2006
17.2. DC Characteristics
SX20/28AC at 75MHz(Temp Range: 0°C <= Ta <= +70°C)
SX20/28AC at 50MHz (Temp Range: -40°C <= Ta <= +85°C)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vdd
Supply Voltage (Note 1)
Fosc = 32 MHz
Fosc = 50 MHz
Fosc = 75 MHz
2.7
3.0
4.5
-
-
-
5.5
5.5
5.5
V
V
V
SVdd
Vdd rise rate (Note 1)
0.05
-
-
V/ms
Idd
Supply Current, active
Vdd = 5.0 V, Fosc = 75 MHz (External OSC)
Vdd = 5.0 V, Fosc = 50 MHz (Crystal)
Vdd = 5.0 V, Fosc = 4 MHz (Crystal)
Vdd = 5.0 V, Fosc = 75 MHz (External OSC)
-
-
-
-
100
77
7.5
17
105
82
8
18
mA
mA
mA
mA
Ipd
Supply Current, power down
Vdd = 3.0 V, WDT enabled (before timeout)
Vdd = 3.0 V, WDT disabled
Vdd = 4.5 V, WDT enabled
Vdd = 4.5 V, WDT disabled
-
10
1.0
20
9.0
110
100
µA
µA
µA
µA
Vih, Vil
Input Levels
MCLR, OSC1, RTCC
Logic High
Logic Low
All Other Inputs
CMOS
Logic High
Logic Low
TTL
Logic High
Logic Low
0.8 Vdd
Vss
0.7 Vdd
Vss
2.0
Vss
Vss
0.2 Vdd
Vdd
0.3 Vss
Vdd
0.8
V
V
V
V
V
V
Iil
Input Leakage Current
Vin = Vdd or Vss
-1.0
+1.0
µA
Iip
Weak Pullup Current
Vdd = 5.5 V, Vin = 0 V
Vdd = 3.0 V, Vin = 0 V
100
25
190
50
µA
µA
Voh
Output High Voltage
Ports B, C
Port A
Ioh = 20 mA, Vdd = 4.5 V
Ioh = 12 mA, Vdd = 3.0 V
Ioh = 30 mA, Vdd = 4.5 V
Ioh = 20 mA, Vdd = 3.0 V
Vdd-0.7
Vdd-0.7
Vdd-0.7
Vdd-0.7
V
V
V
V
Vol
Output Low Voltage
All Ports
Iol = 30 mA, Vdd = 4.5 V
Iol = 20 mA, Vdd = 3.0 V
0.6
0.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com