Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V97052 Datasheet (PDF) - Renesas Technology Corp

8V97052 Datasheet PDF - Renesas Technology Corp
Part # 8V97052
Download  8V97052 Download
File Size   1231.25 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Resolution Wideband RF Synthesizer / PLL

8V97052 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V97052 Datasheet PDF - Renesas Technology Corp

Part # 8V97052
Download  8V97052 Click to download

File Size   1231.25 Kbytes
Page   47 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Resolution Wideband RF Synthesizer / PLL

8V97052 Datasheet (HTML) - Renesas Technology Corp


8V97052 Product details

Features
▪ Supports on-chip VCO or external VCO
▪ Single differential output with frequency range:
34.375MHz to 4400MHz
(continuous range)
▪ RF output divide by 1, 2, 4, 8, 16, 32, 64
▪ Open drain output (see Output Distribution Section)
▪ Fractional-N synthesizer (also supports Integer-N
mode)
▪ 16-bit integer and 32-bit fractional/32-bit modulus
▪ 3- or 4-wire SPI interface (compatible with 3.3V and
1.8V)
▪ Single 3.3V supply
▪ Programmable output power level: -4dBm to
11.5dBm
▪ Mute function
▪ Ultra low phase noise for 2GHz LO: -133dBc/Hz at
1MHz offset, (typical)
▪ Normalized phase noise floor: -228dBc/Hz
▪ Lock detect Indicators
▪ Input reference frequency: 5MHz to 310MHz
▪ Power consumption: 380mW (typical)
▪ 5 × 5 mm, 32-VFQFPN package
▪ Automatic VCO band selection (Autocal feature)
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature 105°C operations
▪ Lead-free (RoHS 6) packaging




Similar Part No. - 8V97052

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
8V97052 RENESAS-8V97052 Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052NLGI RENESAS-8V97052NLGI Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
8V97052NLGI RENESAS-8V97052NLGI Datasheet
1Mb / 47P
High Resolution Wideband RF Synthesizer / PLL
Feb 6, 2023
8V97052NLGI8 RENESAS-8V97052NLGI8 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Similar Description - 8V97052

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V97051 IDT-8V97051_16 Datasheet
987Kb / 56P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053 IDT-8V97053 Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L IDT-8V97053L Datasheet
1Mb / 68P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051 IDT-8V97051_17 Datasheet
987Kb / 55P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L IDT-8V97051L Datasheet
1,010Kb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
logo
Renesas Technology Corp
8V97051A RENESAS-8V97051A Datasheet
1Mb / 58P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97051L RENESAS-8V97051L Datasheet
1Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
8V97053L RENESAS-8V97053L Datasheet
1Mb / 67P
Low Power Wideband Fractional RF Synthesizer / PLL?
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
8V97053 RENESAS-8V97053 Datasheet
2Mb / 57P
Low Power Wideband Fractional RF Synthesizer / PLL
February 2, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com