Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0452B Datasheet (PDF) - Renesas Technology Corp

F0452B Datasheet PDF - Renesas Technology Corp
Part # F0452B
Download  F0452B Download
File Size   3021.75 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz

F0452B Datasheet (PDF)

Go To PDF Page Download Datasheet
F0452B Datasheet PDF - Renesas Technology Corp

Part # F0452B
Download  F0452B Click to download

File Size   3021.75 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz

F0452B Datasheet (HTML) - Renesas Technology Corp


F0452B Product details

Features
 Gain at 2.6GHz
• 34dB typical in High Gain Mode
• 28dB typical in Low Gain Mode
 1.5dB NF at 2.6GHz
 +23dBm OIP3 at 2.6GHz
 OP1dB at 2.6GHz
• +15dBm in High Gain Mode
• +14dBm in Low Gain Mode
 50Ω single-ended input / output amplifier impedances
 IDD = 130mA
 Independent Standby Mode for power savings
 Supply voltage: +3.15V to +3.45V
 5 × 5 mm, 32-LGA package
 -40°C to +105°C exposed pad operating temperature range




Similar Part No. - F0452B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452BEVB RENESAS-F0452BEVB Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452BLEGK RENESAS-F0452BLEGK Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452BLEGK8 RENESAS-F0452BLEGK8 Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
More results


Similar Description - F0452B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
logo
Renesas Technology Corp
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Integrated Device Techn...
F0453B IDT-F0453B Datasheet
2Mb / 35P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
logo
Renesas Technology Corp
F0453C RENESAS-F0453C Datasheet
1Mb / 30P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Renesas Technology Corp
F0453B RENESAS-F0453B Datasheet
2Mb / 33P
Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
July 13, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com