Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D407 Datasheet (PDF) - Alpha & Omega Semiconductors

D407 Datasheet PDF - Alpha & Omega Semiconductors
Part # D407
Download  D407 Download
File Size   362.56 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

D407 Datasheet (PDF)

Go To PDF Page Download Datasheet
D407 Datasheet PDF - Alpha & Omega Semiconductors

Part # D407
Download  D407 Click to download

File Size   362.56 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description P-Channel Enhancement Mode Field Effect Transistor

D407 Datasheet (HTML) - Alpha & Omega Semiconductors


D407 Product details

General Description
The AOD407 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal
resistance of the DPAK package, this device is well
suited for high current load applications.
-RoHS Compliant
-Halogen Free*

Features
VDS (V) = -60V
ID = -12A (VGS = -10V)
RDS(ON) < 115mW (VGS = -10V)
RDS(ON) < 150mW (VGS = -4.5V)
100% UIS tested
100% RG tested




Similar Part No. - D407

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
D40 NTE-D40 Datasheet
496Kb / 1P
Circuit Breakers
logo
EIC discrete Semiconduc...
D40 EIC-D40 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
logo
FranMar International I...
D40 FRANMAR-D40 Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
D40-X0 FRANMAR-D40-X0  Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
D40-X1 FRANMAR-D40-X1  Datasheet
127Kb / 1P
40 Watts DIL Type Wide Input Range DC - DC Converter
More results


Similar Description - D407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com