Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D407 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # D407
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D407 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  D407 Datasheet HTML 1Page - Alpha & Omega Semiconductors D407 Datasheet HTML 2Page - Alpha & Omega Semiconductors D407 Datasheet HTML 3Page - Alpha & Omega Semiconductors D407 Datasheet HTML 4Page - Alpha & Omega Semiconductors D407 Datasheet HTML 5Page - Alpha & Omega Semiconductors D407 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD407
Symbol
Min
Typ
Max
Units
BVDSS
-60
V
-0.003
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
-1.5
-2.1
-3
V
ID(ON)
-30
A
91
115
TJ=125°C
150
114
150
m
W
gFS
12.8
S
VSD
-0.76
-1
V
IS
-12
A
Ciss
987
pF
Coss
114
pF
Crss
46
pF
Rg
9.5
15
W
Qg(10V)
15.8
22
nC
Qg(4.5V)
7.4
12
nC
Qgs
3
nC
Qgd
3.5
nC
tD(on)
9
ns
tr
10
ns
tD(off)
25
ns
tf
11
ns
trr
27.5
ns
Qrr
30
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=0V, VDS=-30V, f=1MHz
Gate Drain Charge
Total Gate Charge (10V)
VGS=-10V, VDS=-30V, ID=-12A
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-30V, RL=2.5W,
RGEN=3W
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
SWITCHING PARAMETERS
Total Gate Charge (4.5V)
Gate Source Charge
Forward Transconductance
Diode Forward Voltage
m
W
VGS=-4.5V, ID=-8A
IS=-1A,VGS=0V
VDS=-5V, ID=-12A
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
IF=-12A, dI/dt=100A/ms
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
mA
Gate Threshold Voltage
VDS=VGS ID=-250mA
VDS=-48V, VGS=0V
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-12A, dI/dt=100A/ms
Drain-Source Breakdown Voltage
On state drain current
ID=-250mA, VGS=0V
VGS=-10V, VDS=-5V
VGS=-10V, ID=-12A
Reverse Transfer Capacitance
A: The value of R qJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A =25°C. The
Power dissipation PDSM is based on R qJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R qJA is the sum of the thermal impedence from junction to case R qJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of TJ(MAX)=175°C.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The SOA
curve provides a single pulse rating.
*This device is guaranteed green after data code 8X11 (Sep 1ST 2008).
Rev.8.0: August 2019
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com