Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-PNFNF Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-PNFNF Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-PNFNF
Download  AXA-PNFNF Download
File Size   40.2 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-FEMALE TO N-FEMALE ADAPTER PIM RATED

AXA-PNFNF Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-PNFNF Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-PNFNF
Download  AXA-PNFNF Click to download

File Size   40.2 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-FEMALE TO N-FEMALE ADAPTER PIM RATED

AXA-PNFNF Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-PNFNF Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 2500V
INSERTION LOSS: < .05 dB
INSULATION RESISTANCE: > 5000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 1.0m OHM
OUTER CONTACT: < 0.25m OHM

MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169-16

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-0




Similar Part No. - AXA-PNFNF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-PNMNF L-COM-AXA-PNMNF Datasheet
30Kb / 1P
N-MALE TO N-FEMALE ADAPTER PIM RATED
09/30/15
More results


Similar Description - AXA-PNFNF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE91035 PASTERNACK-PE91035 Datasheet
259Kb / 3P
Low PIM N Female to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
PE91178 PASTERNACK-PE91178 Datasheet
326Kb / 3P
Low PIM N Female to SMA Male Adapter
PE91140 PASTERNACK-PE91140 Datasheet
356Kb / 4P
Low PIM N Female to N Female Adapter With Body Flats
PE91179 PASTERNACK-PE91179 Datasheet
351Kb / 3P
Low PIM Bulkhead Mount N Female to N Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com