Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA-PNMNF Datasheet (PDF) - Infinite Electronics International, Inc.

AXA-PNMNF Datasheet PDF - Infinite Electronics International, Inc.
Part # AXA-PNMNF
Download  AXA-PNMNF Download
File Size   30.81 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE TO N-FEMALE ADAPTER PIM RATED

AXA-PNMNF Datasheet (PDF)

Go To PDF Page Download Datasheet
AXA-PNMNF Datasheet PDF - Infinite Electronics International, Inc.

Part # AXA-PNMNF
Download  AXA-PNMNF Click to download

File Size   30.81 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description N-MALE TO N-FEMALE ADAPTER PIM RATED

AXA-PNMNF Datasheet (HTML) - Infinite Electronics International, Inc.


AXA-PNMNF Product details

ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC-3GHz
VSWR: < 1.1
PASSIVE INTERMODULATION(PIM): < -160dBc
DIELECTRIC WITHSTANDING VOLTAGE: 2500V
INSERTION LOSS: < .05 dB
INSULATION RESISTANCE: > 5000M OHM
CONTACT RESISTANCE:
CENTER CONTACT: < 1.0m OHM
OUTER CONTACT: < 0.25m OHM

MECHANICAL:
DURABILITY: > 500
INTERFACE DIMENSIONS CONFORMABLE TO IEC 60169-16

PACKAGING:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM SPECIFICATION PKG-00012




Similar Part No. - AXA-PNMNF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-PNFNF L-COM-AXA-PNFNF Datasheet
40Kb / 1P
N-FEMALE TO N-FEMALE ADAPTER PIM RATED
09/28/15
More results


Similar Description - AXA-PNMNF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
172369 AMPHENOL-172369 Datasheet
441Kb / 1P
N MALE TO N MALE ADAPTER, LOW PIM
172370 AMPHENOL-172370 Datasheet
375Kb / 1P
N FEMALE TO N FEMALE ADAPTER, LOW PIM
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
172372 AMPHENOL-172372 Datasheet
374Kb / 1P
N MALE TO N FEMALE ADAPTER, LOW PIM
242265 AMPHENOL-242265 Datasheet
374Kb / 1P
N FEMALE TO SMA MALE ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE91040 PASTERNACK-PE91040 Datasheet
260Kb / 3P
Low PIM N Male to N Female Adapter Low VSWR
PE91177 PASTERNACK-PE91177 Datasheet
326Kb / 3P
Low PIM N Male to SMA Female Adapter
PE91178 PASTERNACK-PE91178 Datasheet
326Kb / 3P
Low PIM N Female to SMA Male Adapter
PE91388 PASTERNACK-PE91388 Datasheet
357Kb / 4P
Low PIM N Male to 4.3-10 Female Adapter
PE91389 PASTERNACK-PE91389 Datasheet
357Kb / 4P
Low PIM 4.3-10 Male to N Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com