Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006 Datasheet (PDF) - Texas Instruments

CLC006 Datasheet PDF - Texas Instruments
Part # CLC006
Download  CLC006 Download
File Size   638.01 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC006 Serial Digital Cable Driver with Adjustable Outputs

CLC006 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC006 Datasheet PDF - Texas Instruments

Part # CLC006
Download  CLC006 Click to download

File Size   638.01 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CLC006 Serial Digital Cable Driver with Adjustable Outputs

CLC006 Datasheet (HTML) - Texas Instruments


CLC006 Product details

1FEATURES
2• No External Pull-down Resistors
• Adjustable Output Amplitude
• Differential Input and Output
• Low Power Dissipation
• Single +5V or −5.2V Supply
• Replaces GS9008 in Most Applications

APPLICATIONS
• Digital Routers and Distribution Amplifiers
• Coaxial Cable Driver for Digital Transmission
Line
• Twisted Pair Driver
• Serial Digital Video Interfaces for the
Commercial and Broadcast Industry
• SMPTE, Sonet/SDH, and ATM Compatible
Driver
• Buffer Applications

KEY SPECIFICATIONS
• 650 ps Rise and Fall Times
• Data Rates to 400 Mbps
• 200 mV Differential Input
• Low Residual Jitter (25 pspp)

DESCRIPTION
Texas Instruments' Comlinear CLC006 is a
monolithic, high-speed cable driver designed for the
SMPTE 259M serial digital video data transmission
standard. The CLC006 drives 75Ω transmission lines
(Belden 8281 or equivalent) at data rates up to 400
Mbps. Controlled output rise and fall times (650 ps typical) minimize transition-induced jitter. The output
voltage swing, typically 1.65V, set by an accurate,
low-drift internal bandgap reference, delivers an 800
mV swing to back-matched and terminated 75Ω
cable. Output swing is adjustable from 0.7 VP-P to 2
VP-P using external resistors.
The CLC006’s class AB output stage consumes less
power than other designs, 185 mW with both outputs
terminated, and requires no external bias resistors.
The differential inputs accept a wide range of digital
signals from 200 mVP-P to ECL levels within the
specified common-mode limits. All this make the
CLC006 an excellent general purpose high speed
driver for digital applications.
The CLC006 is powered from a single +5V or −5.2V
supply and comes in an 8-pin SOIC package.




Similar Part No. - CLC006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC006AJE NSC-CLC006AJE Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC006BM/NOPB TI-CLC006BM/NOPB Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
More results


Similar Description - CLC006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
CLC007 NSC-CLC007 Datasheet
136Kb / 10P
Serial Digital Cable Driver with Dual Complementary Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC006BM TI-CLC006BM Datasheet
933Kb / 16P
CLC006 Serial Digital Cable Driver with Adjustable Outputs
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com