Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC006 Datasheet(PDF) 2 Page - Texas Instruments

Part # CLC006
Description  CLC006 Serial Digital Cable Driver with Adjustable Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CLC006 Datasheet(HTML) 2 Page - Texas Instruments

  CLC006 Datasheet HTML 1Page - Texas Instruments CLC006 Datasheet HTML 2Page - Texas Instruments CLC006 Datasheet HTML 3Page - Texas Instruments CLC006 Datasheet HTML 4Page - Texas Instruments CLC006 Datasheet HTML 5Page - Texas Instruments CLC006 Datasheet HTML 6Page - Texas Instruments CLC006 Datasheet HTML 7Page - Texas Instruments CLC006 Datasheet HTML 8Page - Texas Instruments CLC006 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
2
3
4
5
6
TIME (1 ns/Div)
0
4
REXT-L
3
REXT-H
2
Q0
1
Q0
5
6
7
8
VEE
VIN-
VIN+
VCC
CLC006
SNLS015G – AUGUST 1998 – REVISED APRIL 2013
www.ti.com
Connection Diagram
270 Mbps Eye Pattern
Figure 2. 8-Pin SOIC
Figure 1.
See Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6V
Output Current
30 mA
Maximum Junction Temperature
+125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering 10 Seconds)
+300°C
ESD Rating (Human Body Model)
1000V
Package Thermal Resistance
θJA 8–pin SOIC
+160°C/W
θJC 8–pin SOIC
+105°C/W
Reliability Information
MTTF
254 Mhr
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The table of Electrical Characteristics specifies conditions of device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Recommended Operating Conditions
Supply Voltage Range (VCC – VEE)
+4.5V to +5.5V
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: CLC006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com