Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7631 Datasheet (PDF) - Texas Instruments

DAC7631 Datasheet PDF - Texas Instruments
Part # DAC7631
Download  DAC7631 Download
File Size   547.64 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7631 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7631 Datasheet PDF - Texas Instruments

Part # DAC7631
Download  DAC7631 Click to download

File Size   547.64 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER

DAC7631 Datasheet (HTML) - Texas Instruments


DAC7631 Product details

FEATURES
LOW POWER: 2.5mW
UNIPOLAR OR BIPOLAR OPERATION
SETTLING TIME: 10ms to 0.003%
15-BIT LINEARITY AND MONOTONICITY:
40°C to +85°C
USER SELECTABLE RESET TO
MID-SCALE OR ZERO-SCALE
SMALL SSOP-20 PACKAGE

APPLICATIONS
ATE PIN ELECTRONICS
PROCESS CONTROL
CLOSED-LOOP SERVO-CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS

DESCRIPTION
The DAC7631 is a serial input, 16-bit, voltage output
Digital-to-Analog Converter (D/A) with guaranteed
15-bit monotonic performance over the –40°C to
+85°C temperature range. An asynchronous reset clears
all registers to either mid-scale (8000H) or zero-scale
(0000H), selectable via the RESETSEL pin. The device
can be powered from a single +5V supply or from
dual +5V and –5V supplies.
Low power and small size makes the DAC7631 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in a
SSOP-20 package, and is guaranteed over the
–40°C to +85°C temperature range.




Similar Part No. - DAC7631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631E BURR-BROWN-DAC7631E Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631E TI1-DAC7631E Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631E/1K TI1-DAC7631E/1K Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com