Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7631 Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7631
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7631 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7631 Datasheet HTML 1Page - Texas Instruments DAC7631 Datasheet HTML 2Page - Texas Instruments DAC7631 Datasheet HTML 3Page - Texas Instruments DAC7631 Datasheet HTML 4Page - Texas Instruments DAC7631 Datasheet HTML 5Page - Texas Instruments DAC7631 Datasheet HTML 6Page - Texas Instruments DAC7631 Datasheet HTML 7Page - Texas Instruments DAC7631 Datasheet HTML 8Page - Texas Instruments DAC7631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
DAC7631
DAC7631
®
© 1999 Burr-Brown Corporation
PDS-1536A
Printed in U.S.A. August, 2000
Serial Input, 16-Bit, Voltage Output
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q LOW POWER: 2.5mW
q UNIPOLAR OR BIPOLAR OPERATION
q SETTLING TIME: 10
µs to 0.003%
q 15-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q USER SELECTABLE RESET TO
MID-SCALE OR ZERO-SCALE
q SMALL SSOP-20 PACKAGE
APPLICATIONS
q ATE PIN ELECTRONICS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
DESCRIPTION
The DAC7631 is a serial input, 16-bit, voltage out-
put Digital-to-Analog Converter (D/A) with guaran-
teed 15-bit monotonic performance over the –40
°C to
+85
°C temperature range. An asynchronous reset clears
all registers to either mid-scale (8000H) or zero-scale
(0000H), selectable via the RESETSEL pin. The de-
vice can be powered from a single +5V supply or from
dual +5V and –5V supplies.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Low power and small size makes the DAC7631 ideal
for process control, data acquisition systems, and
closed-loop servo-control. The device is available in a
SSOP-20 package, and is guaranteed over the
–40
°C to +85°C temperature range.
®
DAC7631
DAC A
DAC
Register
Input
Register
Shift
Register
DAC7631
VREFL
VREFH
VREFH
Sense
VREFL
Sense
VOUT
RSTSEL
DGND
LDAC
SDI
AGND
CLK
CS
RST
LOAD
VOUT Sense
VSS
VCC
SDO
VDD
For most current data sheet and other product
information, visit www.burr-brown.com
SBAS122


Similar Part No. - DAC7631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631 TI1-DAC7631 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7631E BURR-BROWN-DAC7631E Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7631E TI1-DAC7631E Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7631E/1K TI1-DAC7631E/1K Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7631

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com