Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7631 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC7631
Description  Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7631 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7631 Datasheet HTML 12Page - Texas Instruments DAC7631 Datasheet HTML 13Page - Texas Instruments DAC7631 Datasheet HTML 14Page - Texas Instruments DAC7631 Datasheet HTML 15Page - Texas Instruments DAC7631 Datasheet HTML 16Page - Texas Instruments DAC7631 Datasheet HTML 17Page - Texas Instruments DAC7631 Datasheet HTML 18Page - Texas Instruments DAC7631 Datasheet HTML 19Page - Texas Instruments DAC7631 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
®
16
DAC7631
DAC updates; i.e., the LDAC pin can be driven with a
separate signal, such as a timing clock, which need not be
directly related to the serial data timing. This makes it easy
to synchronize DAC7631 updates with external events or
with other DACs.
Note that CS and CLK are combined with an OR gate, which
controls the serial-to-parallel shift register. These two inputs
are completely interchangeable. In addition, care must be
taken with the state of CLK when CS rises at the end of a
serial transfer. If CLK is LOW when CS rises, the OR gate
will provide a rising edge to the shift register, shifting the
internal data one additional bit. The result will be incorrect
data and possible selection of the wrong input register(s). If
both CS and CLK are used, CS should rise only when CLK
is HIGH. If not, then either CS or CLK can be used to
operate the shift register. See Table II for more information.
DIGITAL TIMING
Figure 15 and Table III provide detailed timing for the
digital interface of the DAC7631.
DIGITAL INPUT CODING
The DAC7631 input data is in Straight Binary format. The
output voltage is given by Equation 1:
VV
L
VH
V
L
N
OUT
REF
REF
REF
=+ ()
–•
,
65 536
(1)
where N is the digital input code. This equation does not
include the effects of offset (zero-scale) or gain (full-scale)
errors.
DIGITALLY-PROGRAMMABLE
CURRENT SOURCE
The DAC7631 offers a unique set of features that allows a
wide range of flexibility in designing applications circuits
such as programmable current sources. The DAC7631 offers
both a differential reference input, as well as an open-loop
configuration around the output amplifier. The open-loop
configuration around the output amplifier allows a transistor
to be placed within the loop to implement a digitally-
programmable, unidirectional current source. The availabil-
ity of a differential reference allows programmability for
both the full-scale and zero-scale currents. The output cur-
rent is calculated as:
I
VH
V
L
R
VL R
OUT
REF
REF
SENSE
REF
SENSE
=






+
()
–
•
,
/
N
65 536
(2)
CS(1)
CLK(1)
LOAD
RST
SERIAL SHIFT REGISTER
H(2)
X(3)
H
H
No Change
L(4)
L
H
H
No Change
L
↑(5)
H
H
Advanced One Bit
↑
L
H
H
Advanced One Bit
H(6)
XL(7)
H
No Change
H(6)
XH
↑(8)
No Change
NOTES: (1) CS and CLK are interchangeable. (2) H = Logic HIGH.
(3) X = Don’t Care. (4) L = Logic LOW (5) = Positive Logic Transition.
(6) A HIGH value is suggested in order to avoid a “false clock” from
advancing the shift register and changing the shift register. (7) If data is
clocked into the serial register while LOAD is LOW, the DAC register will
change. This will corrupt the data in each DAC register that has been
erroneously selected. (8) Rising edge of RST causes no change in the
contents of the serial shift register.
TABLE II. Serial Shift Register Truth Table.
DAC7631
CLK
SDI
CS
SCK
DIN
CS
SDO
DAC7631
CLK
SDI
CS
SDO
DAC7631
CLK
SDI
CS
SDO
To
Other
Serial
Devices
FIGURE 14. Daisy-chaining DAC7631.
SERIAL-DATA OUTPUT
The Serial-Data Output (SDO) is the internal shift register’s
output. For DAC7631, the SDO is a driven output and does
not require an external pull-up. Any number of DAC7631’s
can be daisy chained by connecting the SDO pin of one
device to the SDI pin of the following device in the chain,
as shown in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com