Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG-360 Datasheet (PDF) - TT Electronics.

DG-360 Datasheet PDF - TT Electronics.
Part # DG-360
Download  DG-360 Download
File Size   330.69 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (360W)

DG-360 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG-360 Datasheet PDF - TT Electronics.

Part # DG-360
Download  DG-360 Click to download

File Size   330.69 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description Din Rail Series (360W)

DG-360 Datasheet (HTML) - TT Electronics.


DG-360 Product details

Features:
• High efficiency up to 94.5%
• 75w – 960w with parallel function
• “Slim” case occupying less din rail space
• Up to 30% smaller than industry standard
• Output voltage up to 110% V nom
• Output power up to 110%
• 150% peak output current for 3 seconds
• -25°C to 70 °C
• Installation on TS-35/75 or TS-35/15
Description:
The TT Electronics range of Din Rail Power Supplies can be installed on either TS-35/7 or TS-35/18. Featuring wide ranging universal Input for many industrial application and come with a 3 year warranty as standard. This 360 Watt unit is offered in 24, 36 & 48V and comes with built in active PFC.




Similar Part No. - DG-360

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DG-30 TTELEC-DG-30 Datasheet
383Kb / 2P
Din Rail Series (30W)
11/02/2020
logo
Toppower Electronic Tec...
DG-30-12S TOPPOWER-DG-30-12S Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
DG-30-24S TOPPOWER-DG-30-24S Datasheet
829Kb / 6P
30W AC-DC DIN RAIL Power Supply
logo
TT Electronics.
DG-30-S12 TTELEC-DG-30-S12 Datasheet
383Kb / 2P
Din Rail Series (30W)
11/02/2020
DG-30-S24 TTELEC-DG-30-S24 Datasheet
383Kb / 2P
Din Rail Series (30W)
11/02/2020
More results


Similar Description - DG-360

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
logo
MicroPower Direct, LLC
AD2360C MPD-AD2360C Datasheet
290Kb / 2P
Very Low Cost, 360W DIN Rail Mount Dual Output AC/DC Power Supplies
logo
List of Unclassifed Man...
SDP1-48-100T ETC2-SDP1-48-100T Datasheet
727Kb / 2P
DIN Rail Mounting/Montaje en Riel DIN/Montage du Rail DIN
SDN5-24-100P ETC2-SDN5-24-100P Datasheet
929Kb / 6P
SDN-P DIN Rail Series
logo
Crydom Inc.,
DRK1 CRYDOM-DRK1_17 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
logo
Skynet Electronic Copyr...
SNP-D129 SKYNET-SNP-D129 Datasheet
313Kb / 4P
Din Rail
SNP-D249 SKYNET-SNP-D249 Datasheet
333Kb / 4P
Din Rail
SNP-D489 SKYNET-SNP-D489 Datasheet
335Kb / 4P
Din Rail
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
Toppower Electronic Tec...
TPR-360-XS TOPPOWER-TPR-360-XS Datasheet
1Mb / 6P
360W AC-DC DIN RAIL Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com