Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5015 Datasheet (PDF) - Texas Instruments

DRV5015 Datasheet PDF - Texas Instruments
Part # DRV5015
Download  DRV5015 Download
File Size   593.54 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5015 Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor

DRV5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV5015 Datasheet PDF - Texas Instruments

Part # DRV5015
Download  DRV5015 Click to download

File Size   593.54 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5015 Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor

DRV5015 Datasheet (HTML) - Texas Instruments


DRV5015 Product details

1 Features
1• Digital-latch hall effect sensor
• High magnetic sensitivity:
– DRV5015A1: ±0.7 mT (typical)
– DRV5015A2: ±1.8 mT (typical)
– DRV5015A3: ±1.8 mT (inverted, typical)
• Integrated hysteresis
• Fast 30-kHz sensing bandwidth
• 2.5-V to 5.5-V operating VCC range
• Open-drain output capable of 20-mA output
current
• Operating temperature range: –40°C to +125°C

2 Applications
• Brushless dc motor sensors
• Incremental rotary encoding:
– Brushed dc motor feedback
– Motor speed (tachometer)
– Mechanical travel
– Fluid measurement
– Human interface knobs
– Wheel speed
• E-bikes

3 Description
The DRV5015 is a low-voltage digital-latch Hall effect
sensor designed for high-speed and high-temperature
motor applications. Operating from a 2.5-V to 5.5-V
power supply, the device senses magnetic flux
density and presents a digital output based on
predefined magnetic thresholds.
Alternating north and south magnetic poles are
required to toggle the output and integrated
hysteresis provides robust switching.
The device is offered in two magnetic threshold
options and an inverted output option. The high
magnetic sensitivity provides flexibility in low-cost
magnet selection and component placement.
The device performs consistently across a wide
ambient temperature range of –40°C to +125°C.




Similar Part No. - DRV5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015 TI2-DRV5015 Datasheet
1Mb / 26P
DRV5015-Q1 Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
REVISED APRIL 2019
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI2-DRV5015-Q1 Datasheet
1Mb / 26P
DRV5015-Q1 Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
REVISED APRIL 2019
DRV5015A1EDBZRQ1 TI1-DRV5015A1EDBZRQ1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
More results


Similar Description - DRV5015

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3776 DIODES-AH3776 Datasheet
492Kb / 13P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
logo
Texas Instruments
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3768Q DIODES-AH3768Q Datasheet
529Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3769Q DIODES-AH3769Q Datasheet
526Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse-
logo
Texas Instruments
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
Low-Voltage, Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH1897S DIODES-AH1897S Datasheet
476Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com