Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5015 Datasheet (PDF) - Texas Instruments

DRV5015 Datasheet PDF - Texas Instruments
Part # DRV5015
Download  DRV5015 Download
File Size   1159.39 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5015-Q1 Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor

DRV5015 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV5015 Datasheet PDF - Texas Instruments

Part # DRV5015
Download  DRV5015 Click to download

File Size   1159.39 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5015-Q1 Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor

DRV5015 Datasheet (HTML) - Texas Instruments


DRV5015 Product details

1 Features
1• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 0: –40°C to 150°C
ambient operating temperature range
– Device HBM ESD classification Level H3A
– Device CDM ESD classification Level C6
• Digital-latch hall effect sensor
• High magnetic sensitivity:
– DRV5015A1-Q1: ±0.7 mT (typical)
– DRV5015A2-Q1: ±1.8 mT (typical)
– DRV5015A3-Q1: ±1.8 mT (inverted, typical)
• Integrated hysteresis
• Fast 30-kHz sensing bandwidth
• 2.5-V to 5.5-V operating VCC range
• Open-drain output capable of 20-mA output
current

2 Applications
• Brushless dc motor sensors:
– Fuel pumps
– Electronic power steering
– Power sunroofs
– Windows
– Sliding doors
• Incremental rotary encoding:
– Motor speed (tachometer)
– Mechanical travel
– Fluid measurement
– Human interface knobs
– Wheel speed

3 Description
The DRV5015-Q1 is a low-voltage digital-latch Hall
effect sensor designed for high-speed and hightemperature
motor applications. Operating from a
2.5-V to 5.5-V power supply, the device senses
magnetic flux density and presents a digital output
based on predefined magnetic thresholds.
Alternating north and south magnetic poles are
required to toggle the output and integrated
hysteresis provides robust switching.
The device is offered in two magnetic threshold
options and an inverted output option. The high
magnetic sensitivity provides flexibility in low-cost
magnet selection and component placement.
The device performs consistently across a wide
ambient temperature range of –40°C to +150°C.




Similar Part No. - DRV5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015 TI2-DRV5015 Datasheet
593Kb / 26P
DRV5015 Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
REVISED APRIL 2019
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI2-DRV5015-Q1 Datasheet
593Kb / 26P
DRV5015 Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
REVISED APRIL 2019
DRV5015A1EDBZRQ1 TI1-DRV5015A1EDBZRQ1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
More results


Similar Description - DRV5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013-Q1 TI-DRV5013-Q1_15 Datasheet
969Kb / 27P
DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3763Q DIODES-AH3763Q Datasheet
552Kb / 15P
HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3764Q DIODES-AH3764Q Datasheet
550Kb / 15P
HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3768Q DIODES-AH3768Q Datasheet
529Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3769Q DIODES-AH3769Q Datasheet
526Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
DRV5015-Q1 TI1-DRV5015-Q1 Datasheet
574Kb / 25P
Automotive Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3762Q DIODES-AH3762Q_18 Datasheet
541Kb / 15P
HIGH-VOLTAGE, HIGH-SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH
Rev erse
logo
Texas Instruments
DRV5013-Q1 TI1-DRV5013-Q1_V01 Datasheet
1Mb / 35P
DRV5013-Q1 Automotive Digital-Latch Hall Effect Sensor
logo
Diodes Incorporated
AH3712Q DIODES-AH3712Q Datasheet
1Mb / 19P
AUTOMOTIVE HIGH-VOLTAGE, HIGH-SENSITIVITY HALL-EFFECT LATCH
March 2023 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com