Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT140WXB-101 Datasheet (PDF) - BOE Technology Group Co., Ltd

HT140WXB-101 Datasheet PDF - BOE Technology Group Co., Ltd
Part # HT140WXB-101
Download  HT140WXB-101 Download
File Size   1045.89 Kbytes
Page   35 Pages
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd
Description 1 Channel LVDS Interface with 1 pixel / clock

HT140WXB-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT140WXB-101 Datasheet PDF - BOE Technology Group Co., Ltd

Part # HT140WXB-101
Download  HT140WXB-101 Click to download

File Size   1045.89 Kbytes
Page   35 Pages
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd
Description 1 Channel LVDS Interface with 1 pixel / clock

HT140WXB-101 Datasheet (HTML) - BOE Technology Group Co., Ltd


HT140WXB-101 Product details

GENERAL DESCRIPTION
Introduction
HT140WXB-101 is a color active matrix TFT LCD module using amorphous silicon TFT's
(Thin Film Transistors) as an active switching devices. This module has a 14.0 inch
diagonally measured active area with WXGA resolutions (1366 horizontal by 768 vertical
pixel array). Each pixel is divided into RED, GREEN, BLUE dots which are arranged in
vertical Stripe and this module can display 262,144 colors. The TFT-LCD panel used for this
module is a low reflection and higher color type. Therefore, this module is suitable for
Notebook PC. The LED Driver for back-light driving is built in this model.
All input signals are LVDS interface compatible.

Features
z 1 Channel LVDS Interface with 1 pixel / clock
z Thin and light weight
z 6-bit color depth, display 262K colors
z Single LED Lighting Bar. (Top side/Horizontal Direction)
z Data enable signal mode
z Side Mounting Frame
z Green Product (RoHS & Halogen free product)
z On board LED Driving circuit
z Low driving voltage and low power consumption
z On board EDID chip

Application
z Notebook PC (Wide type)




Similar Part No. - HT140WXB-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results


Similar Description - HT140WXB-101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
1:10 LVDS clock distribution device
2001 Jun 19
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Integrated Device Techn...
IDT5T9304 IDT-IDT5T9304 Datasheet
733Kb / 15P
LVDS, 1:4 Clock Buffer Terabuffer?
8745BI-21 IDT-8745BI-21 Datasheet
423Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
5T9304 IDT-5T9304_15 Datasheet
180Kb / 16P
LVDS, 1:4 Clock Buffer Terabuffer
5T9304I IDT-5T9304I Datasheet
153Kb / 17P
LVDS, 1:4 Clock Buffer Terabuffer
logo
Renesas Technology Corp
8745B-21 RENESAS-8745B-21 Datasheet
519Kb / 20P
1:1 Differential-to-LVDS Zero Delay Clock Generator
Rev D 2/17/15
8745BI-21 RENESAS-8745BI-21 Datasheet
620Kb / 21P
1:1 Differential-to-LVDS Zero Delay Clock Generator
January 10, 2017
logo
List of Unclassifed Man...
HT140WXB-100 ETC-HT140WXB-100 Datasheet
1Mb / 35P
1 Channel LVDS Interface with 1 pixel / clock
2009.6.27.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com