Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT140WXB-101 Datasheet(PDF) 7 Page - BOE Technology Group Co., Ltd

Part # HT140WXB-101
Description  1 Channel LVDS Interface with 1 pixel / clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd

HT140WXB-101 Datasheet(HTML) 7 Page - BOE Technology Group Co., Ltd

Back Button HT140WXB-101 Datasheet HTML 3Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 4Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 5Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 6Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 7Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 8Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 9Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 10Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 11Page - BOE Technology Group Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
B2006-5006-O (3/3)
A4(210 X 297)
2010.2.11
0
TFT LCD PRODUCT
ISSUE DATE
REV
PRODUCT GROUP
PAGE
OF 35
SPEC TITLE
HT140WXB-101 Product Specification
SPEC. NUMBER
S
7
7
3.0 ELECTRICAL SPECIFICATIONS
3.1 Electrical Specifications
Parameter
Min.
Typ.
Max.
Unit
Remarks
Power Supply Voltage
V
DD
3.0
3.3
3.6
V
Note 1
Permissible Input Ripple
Voltage
V
RF
--
100
mV
At V
DD = 3.3V
Power Supply Current
I
DD
-
203
303
mA
Note 1
Positive-going Input
Threshold Voltage
V
IT+
--
100
mV
Vcm = 1.2V typ.
Negative-going Input
Threshold Voltage
V
IT-
-100
-
-
mV
Differential Input Voltage
V
ID
200
-
600
mV
Power Consumption
P
D
-
0.7
1.0
W
Note 1
P
BL
-
2.85
3.0
W
Note 2
P
total
-
3.55
4.0
W
< Table 3. Electrical specifications >
Notes : 1. The supply voltage is measured and specified at the interface connector of LCM.
The current draw and power consumption specified is for 3.3V at 25℃.
a) Typ : Window XP pattern
b) Max : Vertical 2 line skip pattern
2. Calculated value for reference (VLED × ILED)
Ta=25+/-2°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com