Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT140WXB-101 Datasheet(PDF) 13 Page - BOE Technology Group Co., Ltd

Part # HT140WXB-101
Description  1 Channel LVDS Interface with 1 pixel / clock
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOE [BOE Technology Group Co., Ltd]
Direct Link  https://www.boe.com/en/index
Logo BOE - BOE Technology Group Co., Ltd

HT140WXB-101 Datasheet(HTML) 13 Page - BOE Technology Group Co., Ltd

Back Button HT140WXB-101 Datasheet HTML 9Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 10Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 11Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 12Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 13Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 14Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 15Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 16Page - BOE Technology Group Co., Ltd HT140WXB-101 Datasheet HTML 17Page - BOE Technology Group Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
B2006-5006-O (3/3)
A4(210 X 297)
2010.2.11
0
TFT LCD PRODUCT
ISSUE DATE
REV
PRODUCT GROUP
PAGE
OF 35
SPEC TITLE
HT140WXB-101 Product Specification
SPEC. NUMBER
S
13
Y
B -YA
Y
B
Cross-Talk (%) =
× 100
Figure 5. Cross Modulation Test Description
Where:
Y
A = Initial luminance of measured area (cd/m
2)
Y
B = Subsequent luminance of measured area (cd/m
2)
The location measured will be exactly the same in both patterns
Cross-Talk of one area of the LCD surface by another shall be measured by
comparing the luminance (YA) of a 25mm diameter area, with all display pixels
set to a gray level, to the luminance (YB) of that same area when any adjacent
area is driven dark (Refer to FIGURE 5).
Y
A (1195, 384)
L0
Y
B(1195, 384)
1025, 192
L31
342,192
VIEW AREA
VIEW AREA
1025,576
342,576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com