Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6208A Datasheet (PDF) - NANJING CHIPOWER ELECTRONICS INC.

6208A Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.
Part # 6208A
Download  6208A Download
File Size   387.9 Kbytes
Page   11 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Ultra-Fast High PSRR 1A CMOS Voltage Regulator

6208A Datasheet (PDF)

Go To PDF Page Download Datasheet
6208A Datasheet PDF - NANJING CHIPOWER ELECTRONICS INC.

Part # 6208A
Download  6208A Click to download

File Size   387.9 Kbytes
Page   11 Pages
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.
Description Ultra-Fast High PSRR 1A CMOS Voltage Regulator

6208A Datasheet (HTML) - NANJING CHIPOWER ELECTRONICS INC.


6208A Product details

FEATURES
z Guaranteed Output Current:1.0A(Typ.)
z Low Quiescent Current:70μA(Typ.)
z Output Voltage Range:1.5V~5.0V
z Input Voltage Range:2.5V~6.0V
z High Accuracy:±2%(Typ.)
z Dropout Voltage:
500mV@1.0A(3.0V Typ.)
z Excellent Line Regulation:0.02%/V
z High PSRR : 70dB@1KHz
z Built-in Current Limiter & Thermal
Protection
z Short Circuit Current Fold-back
z Output Capacitor:Ceramic Compatible

APPLICATIONS
z Battery powered systems
z Portable instrumentations
z PC peripherals
z CD/DVD-ROM, CD/RW
z Wireless devices
z Battery charger




Similar Part No. - 6208A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
6208 FESTO-6208 Datasheet
52Kb / 1P
End stop signal generator
logo
TE Connectivity Ltd
62080-1 TEC-62080-1 Datasheet
49Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Intersil Corporation
620834 INTERSIL-620834 Datasheet
321Kb / 13P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 12, 2007
logo
Micropac Industries
62086 MICROPAC-62086 Datasheet
67Kb / 2P
High output, 850nm
62087 MICROPAC-62087 Datasheet
46Kb / 2P
Hermetically sealed
More results


Similar Description - 6208A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE621E ACE-ACE621E Datasheet
697Kb / 8P
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
logo
uPI Group Inc.
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com