Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8994 Datasheet (PDF) - Cirrus Logic

WM8994 Datasheet PDF - Cirrus Logic
Part # WM8994
Download  WM8994 Download
File Size   12238.63 Kbytes
Page   363 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Multi-channel Audio Hub CODEC for Smartphones

WM8994 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8994 Datasheet PDF - Cirrus Logic

Part # WM8994
Download  WM8994 Click to download

File Size   12238.63 Kbytes
Page   363 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Multi-channel Audio Hub CODEC for Smartphones

WM8994 Datasheet (HTML) - Cirrus Logic


WM8994 Product details

DESCRIPTION
The WM8994 is a highly integrated ultra-low power hi-fi CODEC
designed for smartphones and other portable devices rich in
multimedia features.
An integrated stereo class D/AB speaker driver and class W
headphone driver minimize power consumption during audio
playback.
The device requires only two voltage supplies, with all other
internal supply rails generated from integrated LDOs.
Stereo full duplex asynchronous sample rate conversion and
multi-channel digital mixing combined with powerful analogue
mixing allow the device to support a huge range of different
architectures and use cases.
A fully programmable parametric EQ provides speaker
compensation and a dynamic range controller can be used in
the ADC or DAC paths for maintaining a constant signal level,
maximizing loudness and protecting speakers against
overloading and clipping.
A smart digital microphone interface provides power regulation,
a low jitter clock output and decimation filters for up to four
digital microphones. A MIC activity detect with interrupt is
available.
Fully differential internal architecture and on-chip RF noise filters
ensure a very high degree of noise immunity. Active ground loop
noise rejection and DC offset correction help prevent pop noise
and suppress ground noise on the headphone outputs.

FEATURES
 Hi-fi 24-bit 4-channel DAC and 2-channel ADC
 100dB SNR during DAC playback (‘A’ weighted)
 Smart MIC interface
- Power, clocking and data input for up to four digital MICs
- High performance analogue MIC interface
- MIC activity detect & interrupt allows processor to sleep
 2W stereo (2 x 2W) class D/AB speaker driver
 Capless Class W headphone drivers
- Integrated charge pump
- 5.3mW total power for DAC playback to headphones
 4 Line outputs (single-ended or differential)
 BTL Earpiece driver
 Digital audio interfaces for multi-processor architecture
- Asynchronous stereo duplex sample rate conversion
- Powerful mixing and digital loopback functions
 ReTuneTM Mobile 5-band, 6-channel parametric EQ
 Programmable dynamic range controller
 Dual FLL provides all necessary clocks
- Self-clocking modes allow processor to sleep
- All standard sample rates from 8kHz to 96kHz
 Active noise reduction circuits
- DC offset correction removes pops and clicks
- Ground loop noise cancellation
 Integrated LDO regulators
 72-ball W-CSP package (4.521 x 4.033 x 0.546mm)

APPLICATIONS
 Smartphones and music phones
 Portable navigation
 Tablets
 eBooks
 Portable Media Players




Similar Part No. - WM8994

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
More results


Similar Description - WM8994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM1811A WOLFSON-WM1811A Datasheet
3Mb / 328P
Multi-Channel Audio Hub CODEC for Smartphones
WM8958 WOLFSON-WM8958 Datasheet
4Mb / 377P
Multi-Channel Audio Hub CODEC for Smartphones
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
Multi-Channel Audio Hub/CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com