Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3484 Datasheet (PDF) - Eutech Microelectronics Inc

P3484 Datasheet PDF - Eutech Microelectronics Inc
Part # P3484
Download  P3484 Download
File Size   808.47 Kbytes
Page   11 Pages
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc
Description 3A, 30V, 340KHz Synchronous Step-Down Converter

P3484 Datasheet (PDF)

Go To PDF Page Download Datasheet
P3484 Datasheet PDF - Eutech Microelectronics Inc

Part # P3484
Download  P3484 Click to download

File Size   808.47 Kbytes
Page   11 Pages
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc
Description 3A, 30V, 340KHz Synchronous Step-Down Converter

P3484 Datasheet (HTML) - Eutech Microelectronics Inc


P3484 Product details

DESCRIPTION
The EUP3484 is a synchronous current mode buck
regulator capable of driving 3A continuous load current
with excellent line and load regulation. The EUP3484
can operate with an input range 4.5V to 30V and the
output can be externally set from 0.925V to 20V with a
resistor divider.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In shutdown
mode the regulator draws 1µA of supply current.
Programmable soft-start minimizes the inrush supply
current and the output overshoot at initial startup.
The EUP3484 require a minimum number of external
components.

FEATURES
 3A Output Current
 220ns Minimum On Time
 35V Input Surge Protection
 Integrated 160mΩ/110mΩ DMOS Switches
 4.5V to 30V Input Operating Range
 Output Adjustable from 0.925V to 20V
 Up to 95% Efficiency
 1µA Shutdown Current
 Fixed 340KHz Frequency
 Programmable Soft-Start
 Thermal Shutdown and Overcurrent Protection
 Input Supply Overvoltage and Undervoltage
Lockout
 Available in SOP-8 (EP) Package
 RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free

APPLICATIONS
 Distributed Power Systems
 Networking Systems
 PC Monitors
 Portable Electronics




Similar Part No. - P3484

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
P3482 EUTECH-P3482 Datasheet
1Mb / 11P
2A, 30V, 340KHz Synchronous Step-Down Converter
Ver1.3 Feb. 2011
More results


Similar Description - P3484

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3484 EUTECH-EUP3484 Datasheet
162Kb / 1P
3A, 30V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3484A EUTECH-EUP3484A Datasheet
821Kb / 1P
3A, 30V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
3A, 17V, 340kHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com