Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3482 Datasheet (PDF) - Eutech Microelectronics Inc

P3482 Datasheet PDF - Eutech Microelectronics Inc
Part # P3482
Download  P3482 Download
File Size   1042.11 Kbytes
Page   11 Pages
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc
Description 2A, 30V, 340KHz Synchronous Step-Down Converter

P3482 Datasheet (PDF)

Go To PDF Page Download Datasheet
P3482 Datasheet PDF - Eutech Microelectronics Inc

Part # P3482
Download  P3482 Click to download

File Size   1042.11 Kbytes
Page   11 Pages
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc
Description 2A, 30V, 340KHz Synchronous Step-Down Converter

P3482 Datasheet (HTML) - Eutech Microelectronics Inc


P3482 Product details

DESCRIPTION
The EUP3482 is a synchronous current mode buck
regulator capable of driving 2A continuous load current
with excellent line and load regulation. The EUP3482
can operate with an input range 4.5V to 30V and the
output can be externally set from 0.923V to 20V with a
resistor divider.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. In shutdown
mode the regulator draws 1µA of supply current.
Programmable soft-start minimizes the inrush supply
current and the output overshoot at initial startup.
The EUP3482 require a minimum number of external
components.

FEATURES
 2A Output Current
 220ns Minimum On Time
 35V Input Surge Protection
 Integrated 160mΩ/110mΩ DMOS Switches
 4.5V to 30V Input Operating Range
 Output Adjustable from 0.923V to 20V
 Up to 95% Efficiency
 1µA Shutdown Current
 Fixed 340KHz Frequency
 Programmable Soft-Start
 Thermal Shutdown and Overcurrent Protection
 Input Supply Overvoltage and Undervoltage
Lockout
 Available in SOP-8 Package
 RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free

APPLICATIONS
 Distributed Power Systems
 Networking Systems
 PC Monitors
 Portable Electronics




Similar Part No. - P3482

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
P3484 EUTECH-P3484 Datasheet
808Kb / 11P
3A, 30V, 340KHz Synchronous Step-Down Converter
Ver1.4 May 2012
More results


Similar Description - P3482

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3482 EUTECH-EUP3482 Datasheet
159Kb / 1P
2A, 30V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237J RICHTEK-RT7237J Datasheet
275Kb / 15P
2A, 18V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com