Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8252A Datasheet (PDF) - Richtek Technology Corporation

RT8252A Datasheet PDF - Richtek Technology Corporation
Part # RT8252A
Download  RT8252A Download
File Size   196.92 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 23V, 340kHz Synchronous Step-Down Converter

RT8252A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8252A Datasheet PDF - Richtek Technology Corporation

Part # RT8252A
Download  RT8252A Click to download

File Size   196.92 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 23V, 340kHz Synchronous Step-Down Converter

RT8252A Datasheet (HTML) - Richtek Technology Corporation


RT8252A Product details

General Description

The RT8252A is a high efficiency, monolithic synchronous step-down DC/DC converter that can deliver up to 2A output current from a 4.5V to 23V input supply. The RT8252As current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors. Cycle-by-cycle current limit provides protection against shorted outputs and soft-start eliminates input current surge during start-up. The RT8252A also provides under voltage protection and thermal shutdown prptection. The low current (<3μA) shutdown mode provides output disconnect, enabling easy power management in battery powered systems. The RT8252A is available in a SOP-8 (Exposed Pad) package.



Features

• ±1.5% High Accuracy Feedback Voltage

• 4.5V to 23V Input Voltage Range

• 2A Output Current

• Integrated N-MOSFET Switches

• Current Mode Control

• Fixed Frequency Operation : 340kHz

• Adjustable Output from 0.8V to 20V

• Up to 95% Efficiency

• Programmable Soft-Start

• Stable with Low-ESR Ceramic Output Capacitors

• Cycle-by-Cycle Over Current Protection

• Input Under Voltage Lockout

• Output Under Voltage Protection

• Thermal Shutdown Protection

• RoHS Compliant and Halogen Free



Applications

• Wireless AP/Router

• Set-Top-Box

• Industrial and Commercial Low Power Systems

• LCD Monitors and TVs

• Green Electronics/Appliances

• Point of Load Regulation of High-Performance DSPs



 




Similar Part No. - RT8252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Similar Description - RT8252A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8294 RICHTEK-RT8294 Datasheet
263Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com