Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8294 Datasheet (PDF) - Richtek Technology Corporation

RT8294 Datasheet PDF - Richtek Technology Corporation
Part # RT8294
Download  RT8294 Download
File Size   263.81 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 23V, 340kHz Synchronous Step-Down Converter

RT8294 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8294 Datasheet PDF - Richtek Technology Corporation

Part # RT8294
Download  RT8294 Click to download

File Size   263.81 Kbytes
Page   15 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 2A, 23V, 340kHz Synchronous Step-Down Converter

RT8294 Datasheet (HTML) - Richtek Technology Corporation


RT8294 Product details

General Description
The RT8294 is a high efficiency, monolithic synchronous step-downDC/DCconverter that can deliver up to2Aoutput current from a 4.5V to 23V input supply. The RT8294s current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors.
   
Features
• ±1.5% High Accuracy Feedback Voltage
• Input Voltage Range : 4.5V to 23V
• 2A Output Current
• Integrated N-MOSFETs
• Current Mode Control
• 340kHz Fixed Frequency Operation
• Output Adjustable Voltage Range : 0.923V to 20V
• Efficiency Up to 95%
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Cycle-by Cycle Over Current Protection
• Input Under Voltage Lockout
• Output Under Voltage Protection
• Thermal Shutdown Protection
• RoHS Compliant and Halogen Free
   
Applications
• Wireless AP/Router
• Set-Top-Box
• Industrial and Commercial Low Power Systems
• LCD Monitors and TVs
• Green Electronics/Appliances
• Point of Load Regulation of High-PerformanceDSPs
   




Similar Part No. - RT8294

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
Evaluation Board
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Similar Description - RT8294

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8284 RICHTEK-RT8284 Datasheet
299Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8284N RICHTEK-RT8284N Datasheet
212Kb / 15P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Feeling Technology Corp...
FP6188 FEELING-FP6188 Datasheet
620Kb / 11P
2A, 23V, 340KHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com