Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8294 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8294 Datasheet HTML 1Page - Richtek Technology Corporation RT8294 Datasheet HTML 2Page - Richtek Technology Corporation RT8294 Datasheet HTML 3Page - Richtek Technology Corporation RT8294 Datasheet HTML 4Page - Richtek Technology Corporation RT8294 Datasheet HTML 5Page - Richtek Technology Corporation RT8294 Datasheet HTML 6Page - Richtek Technology Corporation RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8294
2
DS8294-02
March 2011
www.richtek.com
Typical Application Circuit
Marking Information
RT8294GS : Product Number
YMDNN : Date Code
RT8294GSP : Product Number
YMDNN : Date Code
VOUT (V) R1 (k
Ω)
R2 (k
Ω)
RC (k
Ω)
CC (nF)
L (
µH)
COUT (
µF)
8
76.8
10
27
3.3
22
22 x 2
5
45.3
10
20
3.3
15
22 x 2
3.3
26.1
10
13
3.3
10
22 x 2
2.5
16.9
10
9.1
3.3
6.8
22 x 2
1.8
9.53
10
5.6
3.3
4.7
22 x 2
1.2
3
10
3.6
3.3
3.6
22 x 2
Table 1. Recommended Component Selection
VIN
EN
GND
BOOT
FB
SW
7
5
2
3
1
L
10
µH
10nF
22
µF x 2
R1
26.1k
R2
10k
VOUT
3.3V/2A
10
µF
VIN
4.5V to 23V
RT8294
SS
8
CSS
COMP
CC
3.3nF
RC
13k
CP
Open
6
4, 9 (Exposed Pad)
CBOOT
CIN
0.1
µF
COUT
REN 100k
RT8294
GSYMDNN
RT8294
GSPYMDNN
RT8294GS
RT8294GSP
RT8294
ZSPYMDNN
RT8294ZSP : Product Number
YMDNN : Date Code
RT8294ZSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com