Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8294 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8294 Datasheet HTML 1Page - Richtek Technology Corporation RT8294 Datasheet HTML 2Page - Richtek Technology Corporation RT8294 Datasheet HTML 3Page - Richtek Technology Corporation RT8294 Datasheet HTML 4Page - Richtek Technology Corporation RT8294 Datasheet HTML 5Page - Richtek Technology Corporation RT8294 Datasheet HTML 6Page - Richtek Technology Corporation RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8294
3
DS8294-02
March 2011
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
SOP-8
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 10nF or greater
ceramic capacitor from BOOT to SW pins.
2
2
VIN
Input Supply Voltage, 4.5V to 23V. Must bypass with a suitably large
ceramic capacitor.
3
3
SW
Phase Node. Connect this pin to external L-C filter.
4
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
5
5
FB
Feedback Input Pin. This pin is connected to the converter output. It
is used to set the output of the converter to regulate to the desired
value via an internal resistive voltage divider. For an adjustable
output, an external resistive voltage divider is connected to this pin.
6
6
COMP
Compensation Node. COMP is used to compensate the regulation
control loop. Connect a series RC network from COMP to GND. In
some cases, an additional capacitor from COMP to GND is required.
7
7
EN
Enable Input pin. A logic high enables the converter; a logic low
forces the RT8294 into shutdown mode reducing the supply current
to less than 3
µA. Attach this pin to VIN with a 100kΩ pull up resistor
for automatic startup.
8
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a
capacitor from SS to GND to set the soft-start period. A 0.1
µF
capacitor sets the soft-start period to 15.5ms .
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.5V
Internal
Regulator
+
-
2.7V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
3V
5k
VA VCC
6
µA
Slope Comp
Current
Comparator
+
-
0.923V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
Error Amp
Ω
130m
Ω
130m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com