Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8294 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8294
Description  2A, 23V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8294 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8294 Datasheet HTML 1Page - Richtek Technology Corporation RT8294 Datasheet HTML 2Page - Richtek Technology Corporation RT8294 Datasheet HTML 3Page - Richtek Technology Corporation RT8294 Datasheet HTML 4Page - Richtek Technology Corporation RT8294 Datasheet HTML 5Page - Richtek Technology Corporation RT8294 Datasheet HTML 6Page - Richtek Technology Corporation RT8294 Datasheet HTML 7Page - Richtek Technology Corporation RT8294 Datasheet HTML 8Page - Richtek Technology Corporation RT8294 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
RT8294
4
DS8294-02
March 2011
www.richtek.com
Absolute Maximum Ratings (Note 1)
l
Supply Voltage, VIN ----------------------------------------------------------------------------------------------
−0.3V to 25V
l
Input Voltage, SW ------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
l
VBOOT
− VSW ------------------------------------------------------------------------------------------------------- −0.3V to 6V
l
Other Pins Voltages ----------------------------------------------------------------------------------------------
−0.3V to 6V
l
Power Dissipation, PD @ TA = 25°C
SOP-8 ---------------------------------------------------------------------------------------------------------------- 1.111W
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------------- 1.333W
l
Package Thermal Resistance (Note 2)
SOP-8,
θJA ---------------------------------------------------------------------------------------------------------- 90°C/W
SOP-8 (Exposed Pad),
θJA -------------------------------------------------------------------------------------- 75°C
SOP-8 (Exposed Pad),
θJC-------------------------------------------------------------------------------------- 15°C
l
Junction Temperature -------------------------------------------------------------------------------------------- 150
°C
l
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------- 260
°C
l
Storage Temperature Range ------------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 3)
HBM (Human Body Mode) -------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
l
Supply Voltage, VIN ---------------------------------------------------------------------------------------------- 4.5V to 23V
l
Junction Temperature Range -----------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range -----------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VIN = 12V, TA = 25
°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Supply Current
VEN = 0V
--
0.5
3
µA
Supply Current
ICC
VEN = 3 V, VFB = 1V
--
0.8
1.2
mA
Feedback Voltage
VFB
4.5V ≦ VIN ≦ 23V
0.909
0.923
0.937
V
Error Amplifier Transconductance
GEA
ΔIC = ± 10µA
--
940
--
µA/V
High-Side Switch-On Resistance
RDS(ON)1
--
130
--
m
Ω
Low-Side Switch-On Resistance
RDS(ON)2
--
130
--
m
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
--
0
10
µA
Upper Switch Current Limit
Min.Duty Cycle, VBOOT−SW = 4.8V
--
4.3
--
A
Low Switch Current Limit
From Drain to Source
--
1.3
--
A
COMP to Current Sense
Transconductance
GCS
--
4
--
A/V
Oscillator Frequency
fOSC1
300
340
380
kHz
Short Circuit Oscillation
Frequency
fOSC2
VFB = 0V
--
100
--
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
--
93
--
%
Minimum On-Time
tON
--
100
--
ns
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com