Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8292AHZSP Datasheet (PDF) - Richtek Technology Corporation

RT8292AHZSP Datasheet PDF - Richtek Technology Corporation
Part # RT8292AHZSP
Download  RT8292AHZSP Download
File Size   584.59 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Evaluation Board

RT8292AHZSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8292AHZSP Datasheet PDF - Richtek Technology Corporation

Part # RT8292AHZSP
Download  RT8292AHZSP Click to download

File Size   584.59 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Evaluation Board

RT8292AHZSP Datasheet (HTML) - Richtek Technology Corporation


RT8292AHZSP Product details

General Description
The RT8292A is a high efficiency, monolithic synchronous step-down DC/DC converter that can deliver up to 2A output current from a 4.5V to 23V input supply. The RT8292As current mode architecture and external compensation allow the transient response to be optimized over a wide range of loads and output capacitors.

Features
● ±1.5% High Accuracy Feedback Voltage
● 4.5V to 23V Input Voltage Range
● 2A Output Current
● Integrated N-MOSFET Switches
● Current Mode Control
● Fixed Frequency Operation : 340kHz
● Output Adjustable from 0.8V to 20V
● Up to 95% Efficiency
● Programmable Soft-Start
● Stable with Low-ESR Ceramic Output Capacitors
● Cycle-by-Cycle Over Current Protection
● Input Under Voltage Lockout
● Output Under Voltage Protection
● Thermal Shutdown Protection
● RoHS Compliant and Halogen Free

Applications
● Wireless AP/Router
● Set-Top-Box
● Industrial and Commercial Low Power Systems
● LCD Monitors and TVs
● Green Electronics/Appliances
● Point of Load Regulation of High-Performance DSPs




Similar Part No. - RT8292AHZSP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8292A RICHTEK-RT8292A Datasheet
276Kb / 14P
2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Similar Description - RT8292AHZSP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com