Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

207121 Datasheet (PDF) - Molex Electronics Ltd.

207121 Datasheet PDF - Molex Electronics Ltd.
Part # 207121
Download  207121 Download
File Size   75.32 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Insertion Tool for Standard .093" Pin and Socket Terminals

207121 Datasheet (PDF)

Go To PDF Page Download Datasheet
207121 Datasheet PDF - Molex Electronics Ltd.

Part # 207121
Download  207121 Click to download

File Size   75.32 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Insertion Tool for Standard .093" Pin and Socket Terminals

207121 Datasheet (HTML) - Molex Electronics Ltd.


207121 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207121
Description Insertion Tool for Standard .093"
Pin and Socket Terminals
Function Insertion
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Insertion Hand Tool
UPC 800753609440
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 207121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
207121 MOLEX-207121 Datasheet
65Kb / 6P
Insertion Tool for Standard .062" Diameter Male and Female Terminals
Jun 24, 2025
207121 MOLEX-207121 Datasheet
61Kb / 3P
Hand Insertion Tool
Jun 24, 2025
207121 MOLEX-207121 Datasheet
99Kb / 9P
Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
Jun 24, 2025
207121 MOLEX-207121 Datasheet
52Kb / 3P
MiniDIMM Memory Card Insertion Tool
Jun 24, 2025
207121 MOLEX-207121 Datasheet
69Kb / 3P
DDR4 DIMM Memory Card Insertion Tool for 2 DDR4 DIMM 25° Angled, 0.85mm Pitch, 288 Circuit Sockets, Mounted on 18.00mm Centers
Jun 24, 2025
More results


Similar Description - 207121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63828-1400 MOLEX-63828-1400 Datasheet
1Mb / 7P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals
01-31-22
63828-1500 MOLEX-63828-1500 Datasheet
1Mb / 8P
Hand Crimp Tool for .093 Pin and Socket Crimp Terminals
01-31-22
63828-1700 MOLEX-63828-1700 Datasheet
1Mb / 8P
Hand Crimp Tool for .093??Pin and Socket Crimp Terminals
07-16-20
ATS-638281000 MOLEX-ATS-638281000 Datasheet
1Mb / 8P
Hand Crimp Tool for .093??Pin and Socket Crimp Terminals
12-18-17
0011020003 MOLEX-0011020003 Datasheet
58Kb / 4P
Insertion Tool for Standard .093" Pin and Socket Terminals
11/02/2021
0011030006 MOLEX-0011030006 Datasheet
45Kb / 4P
Extraction Tool for Standard .093 Pin and Socket Terminals
08/25/2022
0638191100 MOLEX-0638191100 Datasheet
39Kb / 2P
PremiumGrade Hand Crimp Tool for Standard .093" and .125" Pin and Socket Terminals
08/26/2022
0638280900 MOLEX-0638280900 Datasheet
30Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Crimp Terminals, 18 AWG
08/26/2022
0638281100 MOLEX-0638281100 Datasheet
28Kb / 2P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, Claspcon Pin and Socket Terminals, and Commoning Terminals, 20 AWG
08/25/2022
0638281500 MOLEX-0638281500 Datasheet
27Kb / 1P
Hand Crimp Tool for Standard .093 Pin and Socket Terminals, 22 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com