Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

207121 Datasheet (PDF) - Molex Electronics Ltd.

207121 Datasheet PDF - Molex Electronics Ltd.
Part # 207121
Download  207121 Download
File Size   61.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Insertion Tool

207121 Datasheet (PDF)

Go To PDF Page Download Datasheet
207121 Datasheet PDF - Molex Electronics Ltd.

Part # 207121
Download  207121 Click to download

File Size   61.78 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Insertion Tool

207121 Datasheet (HTML) - Molex Electronics Ltd.


207121 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207121
Description Hand Insertion Tool
Function Insertion
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name N/A
Tool Type Insertion Hand Tool
UPC 800753878167
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 207121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
207121 MOLEX-207121 Datasheet
65Kb / 6P
Insertion Tool for Standard .062" Diameter Male and Female Terminals
Jun 24, 2025
207121 MOLEX-207121 Datasheet
75Kb / 5P
Insertion Tool for Standard .093" Pin and Socket Terminals
Jun 24, 2025
207121 MOLEX-207121 Datasheet
99Kb / 9P
Insertion Tool for 70021,70028, 70110, 71851 Terminals / Extraction Tool for 91821 Terminals
Jun 24, 2025
207121 MOLEX-207121 Datasheet
52Kb / 3P
MiniDIMM Memory Card Insertion Tool
Jun 24, 2025
207121 MOLEX-207121 Datasheet
69Kb / 3P
DDR4 DIMM Memory Card Insertion Tool for 2 DDR4 DIMM 25° Angled, 0.85mm Pitch, 288 Circuit Sockets, Mounted on 18.00mm Centers
Jun 24, 2025
More results


Similar Description - 207121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-02-0007 MOLEX11-11-02-0007 Datasheet
55Kb / 1P
Insertion Tool
0011020008 MOLEX1-0011020008 Datasheet
56Kb / 1P
Hand Insertion Tool
11-02-0001 MOLEX11-11-02-0001 Datasheet
35Kb / 1P
Hand Insertion Tool
11-02-0008 MOLEX11-11-02-0008 Datasheet
63Kb / 1P
Hand Insertion Tool
11-02-0022 MOLEX11-11-02-0022 Datasheet
41Kb / 1P
Insertion Tool
62203-0140 MOLEX11-62203-0140 Datasheet
53Kb / 1P
Insertion Tool
0638120600 MOLEX11-0638120600 Datasheet
38Kb / 1P
Insertion Tool
0011020008 MOLEX-0011020008 Datasheet
48Kb / 1P
Hand Insertion Tool
01/25/2022
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
Hand Insertion Tool/Hand Extraction Tool
08/26/2022
0570336000 MOLEX-0570336000 Datasheet
34Kb / 2P
Hand Insertion Tool
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com