Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3500 Datasheet (PDF) - List of Unclassifed Manufacturers

2SC3500 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2SC3500
Download  2SC3500 Download
File Size   238.74 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800MHz band. 24V wideband linear power amplifier For communication industry

2SC3500 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3500 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2SC3500
Download  2SC3500 Click to download

File Size   238.74 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 800MHz band. 24V wideband linear power amplifier For communication industry

2SC3500 Datasheet (HTML) - List of Unclassifed Manufacturers


2SC3500 Product details

Features

OHigh efficiency, high output, and linearity at 860MHz.

PO=4.8W, Gain=10.8dBTYP. (classA,
Vcc=24V, Pi.=0.4W, f=860MHz)

・PC=10.7W, Rc=65%TYP. (classC,
Vcc=25V, Pi.=2.5W, f=900MHz)

oBuilt-in emitter stabilization resistor.

oWide safe operating area.

oCan withstand VSWR. (Po=6W, Vcc=28V)

○Built-in internal matching circuit.




Similar Part No. - 2SC3500

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3501 HITACHI-2SC3501 Datasheet
37Kb / 1P
VHF AMPLIFIER VHF TV TUNER MIXER, OSCILLATOR
logo
Sanyo Semicon Device
2SC3502 SANYO-2SC3502 Datasheet
136Kb / 4P
Ultrahigh-Definition CRT Display, Video Output Applications???
2SC3502 SANYO-2SC3502 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
logo
Inchange Semiconductor ...
2SC3502 ISC-2SC3502 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistor
logo
Foshan Blue Rocket Elec...
2SC3502 FOSHAN-2SC3502 Datasheet
999Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results


Similar Description - 2SC3500

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5184 RFMD-RF5184 Datasheet
82Kb / 8P
DUAL-BAND 800MHz/1900MHz W-CDMA POWER AMPLIFIER MODULE
logo
Advanced Semiconductor ...
ASL31C ASB-ASL31C Datasheet
324Kb / 5P
Wideband Linear Amplifier MMIC
August 2012
ASL330 ASB-ASL330 Datasheet
710Kb / 8P
Wideband Linear Amplifier MMIC
September 2011
ASL380 ASB-ASL380 Datasheet
672Kb / 7P
Wideband Linear Amplifier MMIC
March 2012
ASL390 ASB-ASL390 Datasheet
500Kb / 7P
Wideband Linear Amplifier MMIC
August 2012
ASL580 ASB-ASL580 Datasheet
453Kb / 8P
Wideband Linear Amplifier MMIC
October 2012
ASL330 ASB-ASL330_17 Datasheet
637Kb / 10P
Wideband Linear Amplifier MMIC
June 2017
ASL550 ASB-ASL550_17 Datasheet
1Mb / 26P
Wideband Linear Amplifier MMIC
June 2017
ASL560 ASB-ASL560 Datasheet
885Kb / 12P
Wideband Linear Amplifier MMIC
June 2017
logo
Motorola, Inc
CA2875CR MOTOROLA-CA2875CR Datasheet
242Kb / 3P
Wideband Linear Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com