Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92CK16 Datasheet (PDF) - Texas Instruments

DS92CK16 Datasheet PDF - Texas Instruments
Part # DS92CK16
Download  DS92CK16 Download
File Size   574.95 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver

DS92CK16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS92CK16 Datasheet PDF - Texas Instruments

Part # DS92CK16
Download  DS92CK16 Click to download

File Size   574.95 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver

DS92CK16 Datasheet (HTML) - Texas Instruments


DS92CK16 Product details

1FEATURES
2• Master/Slave Clock Selection in a Backplane
Application
• 125 MHz Operation (Typical)
• 100 ps Duty Cycle Distortion (Typical)
• 50 ps Channel to Channel Skew (Typical)
• 3.3V Power Supply Design
• Glitch-free Power on at CLKI/O Pins
• Low Power Design (20 mA @ 3.3V Static)
• Accepts Small Swing (300 mV Typical)
Differential Signal Levels
• Industrial Temperature Operating Range (-40°C
to +85°C)
• Available in 24-pin TSSOP Packaging

DESCRIPTION
The DS92CK16 1 to 6 Clock Buffer/Bus Transceiver
is a one to six CMOS differential clock distribution
device utilizing Bus Low Voltage Differential Signaling
(BLVDS) technology. This clock distribution device is
designed for applications requiring ultra low power
dissipation, low noise, and high data rates. The
BLVDS side is a transceiver with a separate channel
acting as a return/source clock.
The DS92CK16 accepts LVDS (300 mV typical)
differential input levels, and translates them to 3V
CMOS output levels. An output enable pin OE , when
high, forces all CLKOUT pins high.
The device can be used as a source synchronous
driver. The selection of the source driving is
controlled by the CrdCLKIN and DE pins. This device
can be the master clock, driving the inputs of other
clock I/O pins in a multipoint environment. Easy
master/slave clock selection is achieved along a
backplane.




Similar Part No. - DS92CK16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 NSC-DS92CK16 Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16 MACOM-DS92CK16 Datasheet
916Kb / 17P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16 TI1-DS92CK16 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
National Semiconductor ...
DS92CK16TMTC NSC-DS92CK16TMTC Datasheet
165Kb / 11P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
More results


Similar Description - DS92CK16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
1 to 4 Clock Buffer
Revision 091200
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
3.3V B/LVDS-BLVDS Buffer
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
1:6 PCI Clock Generator/Fanout Buffer
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
1 TO 4 CLOCK BUFFER
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
2.5V LVDS 1:6 Clock Buffer Terabuffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com