Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI90LVB16 Datasheet (PDF) - Pericom Semiconductor Corporation

PI90LVB16 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI90LVB16
Download  PI90LVB16 Download
File Size   470.06 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver

PI90LVB16 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI90LVB16 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI90LVB16
Download  PI90LVB16 Click to download

File Size   470.06 Kbytes
Page   12 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver

PI90LVB16 Datasheet (HTML) - Pericom Semiconductor Corporation


PI90LVB16 Product details

General Description
PI90LVB16 is a six-channel LVTTL clock distribution driver with 50 picosecond channel-to-channel skew. It translates one BLVDS (Bus Low-Voltage Differential Signaling) input signal into six LVTTL-compatible output signals for distribution to adjacent chips on the same board. The PI90LVB16 accepts BLVDS (300mV typical) differential input levels, and translates them to 3V CMOS output levels.

Features
• Master/Slave clock selection in a backplane application
• 160 MHz operation (typical)
• 100ps duty cycle distortion (typical)
• 50ps channel to channel skew (typical)
• 3.3V power supply design
• Glitch-free power on at CLKI/O pins
• Low Power design (16mA @ 3.3V static)
• Accepts small swing (300mV typical) differential signal levels
• Industrial temperature operating range (-40°C to +85°C)
• Available in 24-pin TSSOP Packaging (L)




Similar Part No. - PI90LVB16

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB179U PERICOM-PI90LVB179U Datasheet
230Kb / 14P
3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB179W PERICOM-PI90LVB179W Datasheet
230Kb / 14P
3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB180 PERICOM-PI90LVB180 Datasheet
230Kb / 14P
3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB180L PERICOM-PI90LVB180L Datasheet
230Kb / 14P
3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
More results


Similar Description - PI90LVB16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
4 Channel Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
Single Bus LVDS Transceiver
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com