Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS0001 Datasheet (PDF) - Texas Instruments

HD3SS0001 Datasheet PDF - Texas Instruments
Part # HD3SS0001
Download  HD3SS0001 Download
File Size   554.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10.3Gbps Thunderbolt™ Port and DisplayPort™ Switch

HD3SS0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS0001 Datasheet PDF - Texas Instruments

Part # HD3SS0001
Download  HD3SS0001 Click to download

File Size   554.88 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10.3Gbps Thunderbolt™ Port and DisplayPort™ Switch

HD3SS0001 Datasheet (HTML) - Texas Instruments


HD3SS0001 Product details

FEATURES
• Compatible with Thunderbolt™ Technology
Electrical Standards and DisplayPort ™1.2a
• Wide –3dB Differential Bandwidth of Over
10GHz on 10G Path
• Supports DP and DP++ Configurations
• Handles HPD (5V tolerant) and Cable Detect
• Supports AUX and DDC MUX
• Excellent Dynamic Characteristics (on 10G
path, typical values at 5GHz):
– Crosstalk = –35dB
– Off-Isolation = –24dB
– Insertion Loss = –1.5dB
– Return Loss = –20dB
– Intra-pair Skew Added < 4ps
• Single 3.3V Power Supply
• Small 3x3mm 24-Pin QFN Package
• Low Power Consumption
– 3.3mW Typical Active Power
– 80 μW Typical Detect Mode

DESCRIPTION
The HD3SS0001 is a high-speed passive-switch
device with integrated buffers and resistors, designed
to support Thunderbolt™ technology, DisplayPort,
and Dual Mode DisplayPort. The 10G path supports a
high 10GHz bandwidth and excellent loss
characteristics, while the DisplayPort path supports
5.4Gbps.
The integrated 3-pairs to 1-pair multiplexer (3:1 MUX)
switches between DDC, AUX, and 10.3Gbps signals.
The integrated 2-pairs to 1-pair multiplexer (2:1 MUX)
switches between the Thunderbolt™ technology Low
Speed UART transmit/receive pair and DisplayPort
Main Link 1.
The MUXs are controlled by 4 input pins: TRI#,
DP_EN#, 10G_EN, and CAD_IN (cable detect from
the connector). The HD3SS0001 is packaged in a
small 3x3mm 24-pin QFN, operates from a single
3.3V supply, and supports an ambient temperature
range of –40°C to 85°C.




Similar Part No. - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001 Datasheet
222Kb / 8P
10.3Gbps Thunderbolt??and DisplayPort??Switch
HD3SS0001 TI1-HD3SS0001 Datasheet
757Kb / 17P
10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001RLFR TI1-HD3SS0001RLFR Datasheet
222Kb / 8P
10.3Gbps Thunderbolt??and DisplayPort??Switch
HD3SS0001RLLR TI1-HD3SS0001RLLR Datasheet
757Kb / 17P
10.3Gbps Thunderbolt Port and DisplayPort Switch
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
10.3Gbps Thunderbolt Port and DisplayPort Switch
More results


Similar Description - HD3SS0001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001 Datasheet
222Kb / 8P
10.3Gbps Thunderbolt??and DisplayPort??Switch
logo
Pericom Semiconductor C...
PI3TB212 PERICOM-PI3TB212 Datasheet
824Kb / 11P
10.3Gbps Thunderbolt and DisplayPort Switch
logo
Texas Instruments
HD3SS0001 TI1-HD3SS0001_14 Datasheet
757Kb / 17P
10.3Gbps Thunderbolt Port and DisplayPort Switch
logo
Tripp Lite. All Rights ...
B004-DPUA2-K TRIPPLITE-B004-DPUA2-K Datasheet
164Kb / 4P
2-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
B004-DPUA4-K TRIPPLITE-B004-DPUA4-K Datasheet
163Kb / 4P
4-Port DisplayPort KVM Switch with Audio, Cables and USB 3.0 SuperSpeed Hub
logo
IOGEAR
GDP14SW2 IOGEAR-GDP14SW2 Datasheet
150Kb / 2P
2-Port 8K DisplayPort 1.4 Switch
logo
Analogix Semiconductor,...
ANX1121 ANALOGIX-ANX1121 Datasheet
210Kb / 2P
Low Cost DisplayPort™ to LVDS Converter
July 2014
logo
Diodes Incorporated
PI3VDP12412 DIODES-PI3VDP12412 Datasheet
926Kb / 12P
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
3M™ EPX™ Applicators and Nozzles
logo
Infineon Technologies A...
FS3L400R10W3S7F_B11 INFINEON-FS3L400R10W3S7F_B11 Datasheet
673Kb / 16P
EasyPACK™ module with TRENCHSTOP™ IGBT7 and CoolSiC™ Schottky diode and PressFIT / NTC
Revision 1.00 2022-08-24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com