Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA216 Datasheet (PDF) - Texas Instruments

INA216 Datasheet PDF - Texas Instruments
Part # INA216
Download  INA216 Download
File Size   591.82 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series

INA216 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA216 Datasheet PDF - Texas Instruments

Part # INA216
Download  INA216 Click to download

File Size   591.82 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series

INA216 Datasheet (HTML) - Texas Instruments


INA216 Product details

1FEATURES
2• CHIP-SCALE PACKAGE
• COMMON-MODE RANGE: +1.8V to +5.5V
• OFFSET VOLTAGE: ±30μV
• GAIN ERROR: ±0.2% MAX
• CHOICE OF GAINS:
– INA216A1: 25V/V
– INA216A2: 50V/V
– INA216A3: 100V/V
– INA216A4: 200V/V
• QUIESCENT CURRENT: 13μA
• BUFFERED VOLTAGE OUTPUT: No Additional
Op Amp Needed

APPLICATIONS
• NOTEBOOK COMPUTERS
• CELL PHONES
• TELECOM EQUIPMENT
• POWER MANAGEMENT
• BATTERY CHARGERS

DESCRIPTION
The INA216 is a high-side voltage output current
shunt monitor that can sense drops across shunts at
common-mode voltages from +1.8V to +5.5V. Four
fixed gains are available: 25V/V, 50V/V, 100V/V, and
200V/V. The low offset of the Zerø-Drift architecture
enables current sensing with maximum drops across the shunt as low as 10mV full-scale, or with wide
dynamic ranges of over 1000:1.
These devices operate from a single +1.8V to +5.5V
power supply, drawing a maximum of 25μA of supply
current. The INA216 series are specified over the
temperature range of –40°C to +125°C, and offered in a chip-scale package.




Similar Part No. - INA216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216 TI-INA216 Datasheet
443Kb / 19P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216 TI1-INA216 Datasheet
994Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
INA216 TI2-INA216 Datasheet
595Kb / 24P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zerø-Drift Series
REVISED NOVEMBER 2011
INA216A1 TI-INA216A1 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
More results


Similar Description - INA216

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA216 TI-INA216_10 Datasheet
443Kb / 19P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
INA216 TI1-INA216_16 Datasheet
994Kb / 23P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com