Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8218 Datasheet (PDF) - Analog Devices

AD8218 Datasheet PDF - Analog Devices
Part # AD8218
Download  AD8218 Download
File Size   351.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero Drift, Bidirectional Current Shunt Monitor

AD8218 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8218 Datasheet PDF - Analog Devices

Part # AD8218
Download  AD8218 Click to download

File Size   351.01 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero Drift, Bidirectional Current Shunt Monitor

AD8218 Datasheet (HTML) - Analog Devices


AD8218 Product details

GENERAL DESCRIPTION
The AD8218 is a high voltage, high resolution current shunt amplifier. It features a set gain of 20 V/V, with a maximum ±0.35% gain error over the entire temperature range. The buffered output voltage directly interfaces with any typical converter. The AD8218 offers excellent input common-mode rejection from 4 V to 80 V. The AD8218 performs bidirectional current measurements across a shunt resistor in a variety of industrial and telecom applications, including motor control, battery management, and base station power amplifier bias control.

FEATURES
   High common-mode voltage range
      4 V to 80 V operating
      −0.3 V to +85 V survival
   Buffered output voltage
   Gain = 20 V/V
   Wide operating temperature range: −40°C to +125°C
   Excellent ac and dc performance
      ±100 nV/°C typical offset drift
      ±50 µV typical offset
      ±5 ppm/°C typical gain drift
      110 dB typical CMRR at dc

APPLICATIONS
   High-side current sensing
      48 V telecom
      Power management
      Base stations
      Bidirectional motor control
      Precision high voltage current sources




Similar Part No. - AD8218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8218BCPZ-RL AD-AD8218BCPZ-RL Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BCPZ-WP AD-AD8218BCPZ-WP Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ AD-AD8218BRMZ Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218BRMZ-RL AD-AD8218BRMZ-RL Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
More results


Similar Description - AD8218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA225 TI-INA225_15 Datasheet
1Mb / 33P
36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
logo
Texas Instruments
INA254 TI-INA254 Datasheet
950Kb / 21P
INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com