Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8217 Datasheet (PDF) - Analog Devices

AD8217 Datasheet PDF - Analog Devices
Part # AD8217
Download  AD8217 Download
File Size   314.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Resolution, Zero-Drift Current Shunt Monitor

AD8217 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8217 Datasheet PDF - Analog Devices

Part # AD8217
Download  AD8217 Click to download

File Size   314.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Resolution, Zero-Drift Current Shunt Monitor

AD8217 Datasheet (HTML) - Analog Devices


AD8217 Product details

GENERAL DESCRIPTION

The AD8217 is a high voltage, high-resolution current shunt amplifier. It features a set gain of 20 V/V, with a maximum ±0.35% gain error over the entire temperature range. The buffered output voltage directly interfaces with any typical converter. The AD8217 offers excellent common-mode rejection from 4.5 V to 80 V, and includes an internal LDO, which directly powers the device from the high voltage rail. Therefore, no additional supply is necessary, provided that the input common-mode range is 4.5 V to 80 V. The AD8217 performs unidirectional current measurements across a shunt resistor in a variety of industrial and telecom applications including motor control, battery management, and base station power amplifier bias control.



FEATURES

  High common-mode voltage range

    4.5 V to 80 V operating

    0 V to 85 V survival

  Buffered output voltage

  Wide operating temperature range: −40°C to +125°C

  Excellent ac and dc performance

    ±100 nV/°C typical offset drift

    ±100 µV/°C typical offset

    ±5 ppm/°C typical gain drift

    100 dB typical CMRR at dc



APPLICATIONS

  High side current sensing

    48 V telecom

    Power management

    Base stations

    Unidirectional motor control

    Precision high voltage current sources



 




Similar Part No. - AD8217

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82178 ESMT-AD82178 Datasheet
2Mb / 90P
2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
Jul. 2024 - Revision: 1.3
AD82178-QG24NRR ESMT-AD82178-QG24NRR Datasheet
2Mb / 90P
2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
Jul. 2024 - Revision: 1.3
More results


Similar Description - AD8217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8219 AD-AD8219 Datasheet
288Kb / 16P
Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
logo
Texas Instruments
INA216 TI-INA216_10 Datasheet
443Kb / 19P
Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
Zero Drift, Bidirectional Current Shunt Monitor
REV. B
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
ON Semiconductor
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
Texas Instruments
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com