Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82178 Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82178
Download  AD82178 Download
File Size   2305.36 Kbytes
Page   90 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions

AD82178 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82178 Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Download  AD82178 Click to download

File Size   2305.36 Kbytes
Page   90 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions

AD82178 Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82178 Product details

Features
16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment and TDM data format
PSNR & DR(A-weighting)
Loudspeaker: 107dB (PSNR), 108dB (DR)@24V
 Multiple sampling frequencies (Fs)
8kHz, 16kHz, 32kHz/44.1kHz/48kHz and
88.2kHz/96kHz
System clock = 32x, 48x, 64x, 96x, 128x, 192x,
256x Fs
BCLK system:
32x~256x Fs for 8kHz, 16kHz and 32kHz /
44.1kHz / 48kHz and 88.2kHz / 96kHz
Supply voltage
3.3V/1.8V for digital circuit
4.5V~26V for loudspeaker driver
Supports 2.0CH/Mono configuration
Loudspeaker output power@12V for stereo
7W x 2CH into 8Ω <1% THD+N
10W x 2CH into 4Ω <1% THD+N
Loudspeaker output power@18V for stereo
15W x 2CH into 8Ω <1% THD+N
Loudspeaker output power@24V for stereo
31W x 2CH into 8Ω <1% THD+N
Sound processing including:
40 bands parametric EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Three Band plus post Dynamic range control
Auto Gain Limiter
Power Clipping
Programmed 3D surround sound
Channel mixing
Noise gate with hysteresis window
DC-blocking high-pass filter
Pre-scale/post-scale
I
2
S output with user programmed gain
(+24dB~mute)
I
2
S/TDM output with selectable Audio DSP point
Anti-pop design
Level meter and power meter
Short circuit and over-temperature protection
 Over voltage protection
Supports Dynamic Temperature Control (DTC)
Supports I2C control without clock
I
2C control interface with 4 selectable device
address
LV Under-voltage shutdown and HV Under-voltage
detection
Auto clock detection
Power saving mode

Applications
TV audio
Boom-box, CD and DVD receiver, docking system
Powered speaker
Wireless audio

Description
AD82178 is a digital audio amplifier capable of
driving 25W (31W peak) each to a pair of 8Ω load
speaker (BTL) and 50W (62W peak) to a 4Ω load
speaker (PBTL) operating at 24V supply without
external heat-sink or fan requirement with play music.
AD82178 provides advanced audio processing
functions, such as volume control, 40 EQ bands, audio
mixing, 3D surround sound and Dynamic Range
Control (DRC) and Auto Gain Limiter (AGL). These
are fully programmable via a simple I
2C control
interface. Robust protection circuits are provided to
protect AD82178 from damage due to accidental
erroneous operating condition. The full digital circuit
design of AD82178 is more tolerant to noise and PVT
(Process, Voltage, and Temperature) variation than
the analog class-AB or class-D audio amplifier
counterpart implemented by analog circuit design.
AD82178 is pop free during instantaneous power
on/off or mute/shut down switching because of its
robust built-in anti-pop circuit.




Similar Part No. - AD82178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8217BRMZ AD-AD8217BRMZ Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8217BRMZ-R7 AD-AD8217BRMZ-R7 Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
AD8217BRMZ-RL AD-AD8217BRMZ-RL Datasheet
314Kb / 16P
High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
More results


Similar Description - AD82178

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com