Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82584D Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD82584D Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD82584D
Download  AD82584D Download
File Size   949.54 Kbytes
Page   56 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC

AD82584D Datasheet (PDF)

Go To PDF Page Download Datasheet
AD82584D Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD82584D
Download  AD82584D Click to download

File Size   949.54 Kbytes
Page   56 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC

AD82584D Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD82584D Product details

Features
z 16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment data format
z PSNR & DR(A-weighting)
Loudspeaker: 98dB (PSNR), 108dB (DR) @24V
z Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz / 176.4kHz / 192kHz
z System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
64x~1024x Fs for 32kHz / 44.1kHz / 48kHz
64x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz / 176.4kHz / 192kHz
z Supply voltage
3.3V for digital circuit
8V~26V for loudspeaker driver
z Supports 2.0CH/Mono configuration
z Loudspeaker output power@24V for stereo
10W x 2CH into 8Ω @0.09% THD+N
15W x 2CH into 8Ω @0.15% THD+N
25W x 2CH into 8Ω @0.28% THD+N
z Sound processing including:
16 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step)
Dynamic range control
Dual Band Dynamic range control
Power Clipping
3D surround sound
Channel mixing
Noise gate with hysteresis window
Bass/Treble tone control
Bass management crossover filter
DC-blocking high-pass filter
z Anti-pop design
z Short circuit and over-temperature protection
z Supports I2
C control without MCLK
z I2
C control interface with selectable device
address
z Support BCLK system
z Support hardware and software reset
z Internal PLL
z LV Under-voltage shutdown and HV Under-voltage
detection
z Power saving mode
Applications
z TV audio
z Boom-box, CD and DVD receiver, docking system
z Powered speaker
z Wireless audio
Description
AD82584D is a digital audio amplifier capable of
driving 25W (BTL) each to a pair of 8Ω load speaker
and 50W (PBTL) to a 4Ω load speaker operating at
24V supply without external heat-sink or fan
requirement with play music.
AD82584D can provide advanced audio
processing functions, such as volume control, 16 EQ
bands, audio mixing, 3D surround sound and Dynamic
Range Control (DRC). These are fully programmable
via a simple I2
C control interface. Robust protection
circuits are provided to protect AD82584D from
damage due to accidental erroneous operating
condition. The full digital circuit design of AD82584D is
more tolerant to noise and PVT (Process, Voltage, and
Temperature) variation than the analog class-AB or
class-D audio amplifier counterpart implemented by
analog circuit design. AD82584D is pop free during
instantaneous power on/off or mute/shut down
switching because of its robust built-in anti-pop circuit.




Similar Part No. - AD82584D

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82584D ESMT-AD82584D Datasheet
2Mb / 84P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
Oct. 2022 - Revision: 2.4
More results


Similar Description - AD82584D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com