Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD83586B Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

AD83586B Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # AD83586B
Download  AD83586B Download
File Size   1213.15 Kbytes
Page   62 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ

AD83586B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD83586B Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # AD83586B
Download  AD83586B Click to download

File Size   1213.15 Kbytes
Page   62 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ

AD83586B Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


AD83586B Product details

Features
z 16/18/20/24-bits input with I2
S, Left-alignment
and Right-alignment data format
z PSNR & DR (A-weighting)
Stereo: 98dB (PSNR), 107dB (DR) @24V
z Multiple sampling frequencies (Fs)
32kHz / 44.1kHz / 48kHz and
64kHz / 88.2kHz / 96kHz and
128kHz / 176.4kHz / 192kHz
z System clock = 64x, 128x, 192x, 256x, 384x,
512x, 576x, 768x, 1024x Fs
64x~1024x Fs for 32kHz / 44.1kHz / 48kHz
64x~512x Fs for 64kHz / 88.2kHz / 96kHz
64x~256x Fs for 128kHz / 176.4kHz / 192kHz
z BCLK system supports
z Supply voltage
3.3V for digital circuit
7V~26V for loudspeaker driver
z Loudspeaker output power for stereo at 24V
40W x 2CH into 4Ω @0.22% THD+N
z Loudspeaker output power for mono at 24V
80W x 1CH into 4Ω @10% THD+N
z Loudspeaker output power for 2.1CH at 24V
20W x 2CH into 8Ω @0.25% THD+N
40W x 1CH into 4Ω @0.22% THD+N
z Sound processing including:
20 bands parametric speaker EQ
Volume control (+24dB~-103dB, 0.125dB/step),
Dynamic range control
Dual Band Dynamic range control
Power Clipping
3D surround sound
Channel mixing
Noise gate with hysteresis window
Bass/Treble tone control
Bass management crossover filter
DC-blocking high-pass filter
z Power on reset
z Anti-pop design
z I2
C control interface (without MCLK) with
selectable device address
z Support hardware and software reset
z Internal PLL
z LV Under-voltage shutdown and HV Under-voltage
detection
z Short-circuit and over-temperature protection
z Power saving mode
z Tunable surround sounds
z Support initial EEPROM setting
Applications
z CD and DVD
z TV audio
z Car audio
z Boom-box
z MP3 docking systems
z Powered speaker
z Wireless audio
Description
AD83586B is a digital audio amplifier capable of
driving a pair of 8Ω, 20W plus a single 4Ω, 40W, or a
pair of 4Ω, 40W or a single 4Ω, 60W speaker
operating at 24V supply with proper cooling method.
AD83586B can provide advanced audio processing
capabilities, such as volume control, 20 bands speaker
EQ, audio mixing, 3D surround and Dynamic Range
Control (DRC). These functions are fully
programmable via a simple I2
C control interface.
Robust protection circuits are provided to protect
AD83586B from damage due to accidental erroneous
operating condition. AD83586B is more tolerant to
noise and PVT (Process, Voltage, and Temperature)
variation than the analog Class-AB or Class-D audio
amplifier counterpart implemented by analog circuit
design. AD83586B is pop free during instantaneous
power switch because of its built-in, robust anti-pop
circuit.
The output stage is flexibly configurable for 2.1
channel, stereo or mono applications. Furthermore, it
is possible to use three pieces of AD83586B to realize
5.1 channels for home theater applications




Similar Part No. - AD83586B

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD83586C ESMT-AD83586C Datasheet
1Mb / 83P
2x60W Stereo / 1x120W Mono / 2x30W1x60W 2.1CH Digital Audio Amplifier with 36 bands EQ and DRC Functions
May. 2024 Revision: 1.0
AD83586C-LG48NRR ESMT-AD83586C-LG48NRR Datasheet
1Mb / 83P
2x60W Stereo / 1x120W Mono / 2x30W1x60W 2.1CH Digital Audio Amplifier with 36 bands EQ and DRC Functions
May. 2024 Revision: 1.0
AD83586C-LG48NRY ESMT-AD83586C-LG48NRY Datasheet
1Mb / 83P
2x60W Stereo / 1x120W Mono / 2x30W1x60W 2.1CH Digital Audio Amplifier with 36 bands EQ and DRC Functions
May. 2024 Revision: 1.0
More results


Similar Description - AD83586B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
logo
Texas Instruments
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
logo
Integrated Silicon Solu...
IS31AP2121-LQLS1 ISSI-IS31AP2121-LQLS1 Datasheet
708Kb / 41P
2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Elite Semiconductor Mem...
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com